Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM1233ACS3X Fiches technique (PDF) - Fairchild Semiconductor

FM1233ACS3X Datasheet PDF - Fairchild Semiconductor
No de pièce FM1233ACS3X
Télécharger  FM1233ACS3X Télécharger

Taille du fichier   67.68 Kbytes
Page   7 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Pin 關C Supervisor Circuit

FM1233ACS3X Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
FM1233ACS3X Datasheet PDF - Fairchild Semiconductor

No de pièce FM1233ACS3X
Télécharger  FM1233ACS3X Click to download

Taille du fichier   67.68 Kbytes
Page   7 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Pin 關C Supervisor Circuit

FM1233ACS3X Fiches technique (HTML) - Fairchild Semiconductor

FM1233ACS3X Datasheet HTML 1Page - Fairchild Semiconductor FM1233ACS3X Datasheet HTML 2Page - Fairchild Semiconductor FM1233ACS3X Datasheet HTML 3Page - Fairchild Semiconductor FM1233ACS3X Datasheet HTML 4Page - Fairchild Semiconductor FM1233ACS3X Datasheet HTML 5Page - Fairchild Semiconductor FM1233ACS3X Datasheet HTML 6Page - Fairchild Semiconductor FM1233ACS3X Datasheet HTML 7Page - Fairchild Semiconductor

FM1233ACS3X Détails du produit

General Description
The FM1233A is a supervisor circuit that monitors a microprocessor power supply or other system voltage and issues a reset pulse when a fault condition exists. Several different threshold voltages are offered to accommodate 3.3V and 3.0V systems with different tolerances.
FM1233A features a precision temperature-compensated voltage reference and comparator. When VCC falls to the threshold voltage, a RESET pulse is issued, holding the output in the active state. When power rises above VTH, the reset remains asserted for a minimum period (tRST) to allow the system clock and other circuits to stabilize. The reset output of FM1233A is of open-drain active low type.
The FM1233A also can monitor a switch closure on its output, enabling it to recognize an external reset from a pushbutton switch or a µP. In the case of a switch, the closure will be debounced by circuitry internal to the FM1233A.

Features
■ Precision monitoring of 3.3V and lower voltage
   microprocessor systems
■ VTH values of 3.08V, 2.88V and 2.72V
■ Automatic restart of microprocessor after power failure
■ Reset Timeout Period Choice:
   – Options AC and AD: 140ms (min)/256ms (typ)
   – Option ABA: 17ms (min)/32ms (typ)
   – Available on request: 64ms (typ) and 128ms (typ)
■ Internal 5kΩ pull-up resistor
■ Operating Temperature -40°C to +105°C
■ Monitors external pushbutton override
■ Internal switch debounce circuitry
■ SOT23-3 package




Numéro de pièce similaire - FM1233ACS3X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FM1233B FAIRCHILD-FM1233B Datasheet
31Kb / 6P
   3-Pin 關C Supervisor Circuit
FM1233BDS3X FAIRCHILD-FM1233BDS3X Datasheet
31Kb / 6P
   3-Pin 關C Supervisor Circuit
FM1233BES3X FAIRCHILD-FM1233BES3X Datasheet
31Kb / 6P
   3-Pin 關C Supervisor Circuit
FM1233BFS3X FAIRCHILD-FM1233BFS3X Datasheet
31Kb / 6P
   3-Pin 關C Supervisor Circuit
FM1233D FAIRCHILD-FM1233D Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
More results


Description similaire - FM1233ACS3X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FM1233E FAIRCHILD-FM1233E Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233D FAIRCHILD-FM1233D Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233B FAIRCHILD-FM1233B Datasheet
31Kb / 6P
   3-Pin 關C Supervisor Circuit
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin 關C Supervisor Circuits
FM803 FAIRCHILD-FM803 Datasheet
345Kb / 7P
   3-Pin 關C Supervisor Device
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Exar Corporation
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Fairchild Semiconductor
FMFFM1233AC FAIRCHILD-FMFFM1233AC Datasheet
66Kb / 7P
   3-Pin uC Supervisor Circuit
logo
PulseCore Semiconductor
PCS809 PULSECORE-PCS809 Datasheet
521Kb / 8P
   3-Pin 關P Voltage Supervisor
logo
Fairchild Semiconductor
FM810LS3X FAIRCHILD-FM810LS3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com