Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SZNUP2105LT1G Fiches technique (PDF) - ON Semiconductor

SZNUP2105LT1G Datasheet PDF - ON Semiconductor
No de pièce SZNUP2105LT1G
Télécharger  SZNUP2105LT1G Télécharger

Taille du fichier   148.57 Kbytes
Page   8 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Line CAN Bus Protector

SZNUP2105LT1G Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
SZNUP2105LT1G Datasheet PDF - ON Semiconductor

No de pièce SZNUP2105LT1G
Télécharger  SZNUP2105LT1G Click to download

Taille du fichier   148.57 Kbytes
Page   8 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Line CAN Bus Protector

SZNUP2105LT1G Fiches technique (HTML) - ON Semiconductor

SZNUP2105LT1G Datasheet HTML 1Page - ON Semiconductor SZNUP2105LT1G Datasheet HTML 2Page - ON Semiconductor SZNUP2105LT1G Datasheet HTML 3Page - ON Semiconductor SZNUP2105LT1G Datasheet HTML 4Page - ON Semiconductor SZNUP2105LT1G Datasheet HTML 5Page - ON Semiconductor SZNUP2105LT1G Datasheet HTML 6Page - ON Semiconductor SZNUP2105LT1G Datasheet HTML 7Page - ON Semiconductor SZNUP2105LT1G Datasheet HTML 8Page - ON Semiconductor

SZNUP2105LT1G Détails du produit

Dual Line CAN Bus Protector



The SZ/NUP2105L has been designed to protect the CAN transceiver in high−speed and fault tolerant networks from ESD and other harmful transient voltage events. This device provides bidirectional protection for each data line with a single compact SOT−23 package, giving the system designer a low cost option for improving system reliability and meeting stringent EMI requirements.



Features

• 350 W Peak Power Dissipation per Line (8/20 μsec Waveform)

• Low Reverse Leakage Current (< 100 nA)

• Low Capacitance High−Speed CAN Data Rates

• IEC Compatibility: − IEC 61000−4−2 (ESD): Level 4

   − IEC 61000−4−4 (EFT): 40 A – 5/50 ns

   − IEC 61000−4−5 (Lighting) 8.0 A (8/20 μs)

• ISO 7637−1, Nonrepetitive EMI Surge Pulse 2, 9.5 A (1/50 μs)

• ISO 7637−3, Repetitive Electrical Fast Transient (EFT) EMI Surge Pulses, 50 A (5/50 ns)

• Flammability Rating UL 94 V−0

• SZ Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q101 Qualified and PPAP Capable

• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant



Applications

• Industrial Control Networks

   ♦ Smart Distribution Systems (SDS®)

   ♦ DeviceNet™

• Automotive Networks

   ♦ Low and High−Speed CAN

   ♦ Fault Tolerant CAN



 




Numéro de pièce similaire - SZNUP2105LT1G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
SZNUP2105L ONSEMI-SZNUP2105L Datasheet
75Kb / 7P
   Dual Line CAN Bus Protector
April, 2017 ??Rev. 8
More results


Description similaire - SZNUP2105LT1G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NUP2105L ONSEMI-NUP2105L Datasheet
57Kb / 8P
   Dual Line CAN Bus Protector
September, 2004 ??Rev. 1
logo
Shanghai Leiditech Elec...
SDA24CDT3 LEIDITECH-SDA24CDT3 Datasheet
127Kb / 3P
   DUAL LINE CAN BUS PROTECTOR
logo
Rectron Semiconductor
RSM24M RECTRON-RSM24M Datasheet
258Kb / 4P
   Dual Line CAN Bus Protector
logo
Guangdong Youtai Semico...
NUP2105L UMW-NUP2105L Datasheet
397Kb / 4P
   Dual Line CAN Bus Protector
logo
Diodes Incorporated
DUP3105SOQ DIODES-DUP3105SOQ Datasheet
486Kb / 5P
   DUAL LINE CAN BUS PROTECTOR
DUP2105SOQ DIODES-DUP2105SOQ Datasheet
473Kb / 5P
   DUAL LINE CAN BUS PROTECTOR
logo
SHIKUES Electronics
NUP2105 SKTECHNOLGY-NUP2105 Datasheet
775Kb / 4P
   Dual Line CAN Bus Protector
logo
ON Semiconductor
NUP2105L ONSEMI-NUP2105L_05 Datasheet
77Kb / 8P
   Dual Line CAN Bus Protector
July, 2005 ??Rev. 4
NUP2125 ONSEMI-NUP2125_16 Datasheet
61Kb / 4P
   Dual Line CAN Bus Protector
September, 2016 ??Rev. 1
logo
Shanghai Leiditech Elec...
SDA36CDT3 LEIDITECH-SDA36CDT3 Datasheet
127Kb / 3P
   DUAL LINE CAN BUS PROTECTOR
More results




À propos de ON Semiconductor


ON Semiconductor est une entreprise cotée en bourse qui conçoit, développe et fabrique une large gamme de produits semi-conducteurs pour une variété d'applications, notamment les marchés automobiles, informatiques, biens de consommation, industriels et communications.
La société a été fondée en 1999 et a son siège à Phoenix, en Arizona.
On Semiconductor offre un large portefeuille de gestion de l'énergie, des semi-conducteurs analogiques et discrets, notamment des MOSFET de puissance, des diodes, des redresseurs, des régulateurs de tension, entre autres.
Les produits de l'entreprise sont conçus pour être économes en énergie, fiables et rentables et sont utilisés dans une variété d'applications, notamment l'électronique portable, les systèmes d'automatisation industrielle, les systèmes d'énergie renouvelable et l'électronique automobile.
On Semiconductor s'engage dans l'innovation et la satisfaction des clients, et s'engage à fournir les meilleures solutions de semi-conducteurs pour répondre aux besoins de nos clients.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com