Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5235 Fiches technique (PDF) - Fairchild Semiconductor

FAN5235 Datasheet PDF - Fairchild Semiconductor
No de pièce FAN5235
Télécharger  FAN5235 Télécharger

Taille du fichier   85.29 Kbytes
Page   15 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description System Electronics Regulator for Mobile PCs

FAN5235 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
FAN5235 Datasheet PDF - Fairchild Semiconductor

No de pièce FAN5235
Télécharger  FAN5235 Click to download

Taille du fichier   85.29 Kbytes
Page   15 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description System Electronics Regulator for Mobile PCs

FAN5235 Fiches technique (HTML) - Fairchild Semiconductor

Back Button FAN5235 Datasheet HTML 1Page - Fairchild Semiconductor FAN5235 Datasheet HTML 2Page - Fairchild Semiconductor FAN5235 Datasheet HTML 3Page - Fairchild Semiconductor FAN5235 Datasheet HTML 4Page - Fairchild Semiconductor FAN5235 Datasheet HTML 5Page - Fairchild Semiconductor FAN5235 Datasheet HTML 6Page - Fairchild Semiconductor FAN5235 Datasheet HTML 7Page - Fairchild Semiconductor FAN5235 Datasheet HTML 8Page - Fairchild Semiconductor FAN5235 Datasheet HTML 9Page - Fairchild Semiconductor FAN5235 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FAN5235 Détails du produit

Description
The FAN5235 is a high efficiency and high precision DC/DC controller for notebook converters. Utilization of both input and output voltage feedback in a current-mode control allows for fast and stable loop response over a wide range of input and output voltage variations. The two main regulators switch out of phase to minimize input ripple current.

Features
• Synchronous rectification
• ±1% precision internal reference
• >90% efficiency
• Input and output voltage feedback
• 5.4V to 24V input voltage range
• Internally set 300kHz ±15% oscillator
• 5V and 3.3V Main outputs switch out of phase
• 5V-ALWAYS and 3.3V-ALWAYS outputs
• Adjustable boost converter for 12V
• Boost converter slaved to 5V Main
• Input UVLO
• Outputs OVP of Buck Converters
• Precision current limit option for 5V, 3.3V Main
• Power Good Voltage Monitor

Applications
• Notebook PCs and PDAs
• Hand-held portable instruments




Numéro de pièce similaire - FAN5235

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5230 FAIRCHILD-FAN5230 Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5230QSC FAIRCHILD-FAN5230QSC Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
FAN5232 FAIRCHILD-FAN5232 Datasheet
76Kb / 9P
   Adjustable PWM Buck Controller for LCD PCs
FAN5233 FAIRCHILD-FAN5233 Datasheet
388Kb / 15P
   System Electronics Regulator for Mobile PCs
More results


Description similaire - FAN5235

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5230 FAIRCHILD-FAN5230 Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5233 FAIRCHILD-FAN5233 Datasheet
388Kb / 15P
   System Electronics Regulator for Mobile PCs
logo
EPCOS
B4150 EPCOS-B4150_1 Datasheet
93Kb / 10P
   Low Loss Filter for Mobile Telephone PCS system
logo
Mitsubishi Electric Sem...
MF1082V-2 MITSUBISHI-MF1082V-2 Datasheet
64Kb / 1P
   FOR PCS MOBILE TELEPHONE, Tx
MF1081V-2 MITSUBISHI-MF1081V-2 Datasheet
63Kb / 1P
   FOR PCS MOBILE TELEPHONE, Rx
logo
Pericom Semiconductor C...
PI6C105 PERICOM-PI6C105 Datasheet
598Kb / 15P
   Precision Clock Synthesizer for Mobile PCs
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
logo
Toshiba Semiconductor
TPCA8081 TOSHIBA-TPCA8081 Datasheet
238Kb / 9P
   Notebook PCs Mobile Handsets
TPCA8082 TOSHIBA-TPCA8082 Datasheet
234Kb / 9P
   Notebook PCs Mobile Handsets
TPC8087 TOSHIBA-TPC8087 Datasheet
226Kb / 9P
   Notebook PCs Mobile Handsets
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com