Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7123KSTZ140 Fiches technique (PDF) - Analog Devices

ADV7123KSTZ140 Datasheet PDF - Analog Devices
No de pièce ADV7123KSTZ140
Télécharger  ADV7123KSTZ140 Télécharger

Taille du fichier   340.93 Kbytes
Page   24 Pages
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices
Description CMOS, 330 MHz Triple 10-Bit High Speed Video DAC

ADV7123KSTZ140 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
ADV7123KSTZ140 Datasheet PDF - Analog Devices

No de pièce ADV7123KSTZ140
Télécharger  ADV7123KSTZ140 Click to download

Taille du fichier   340.93 Kbytes
Page   24 Pages
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices
Description CMOS, 330 MHz Triple 10-Bit High Speed Video DAC

ADV7123KSTZ140 Fiches technique (HTML) - Analog Devices

Back Button ADV7123KSTZ140 Datasheet HTML 1Page - Analog Devices ADV7123KSTZ140 Datasheet HTML 2Page - Analog Devices ADV7123KSTZ140 Datasheet HTML 3Page - Analog Devices ADV7123KSTZ140 Datasheet HTML 4Page - Analog Devices ADV7123KSTZ140 Datasheet HTML 5Page - Analog Devices ADV7123KSTZ140 Datasheet HTML 6Page - Analog Devices ADV7123KSTZ140 Datasheet HTML 7Page - Analog Devices ADV7123KSTZ140 Datasheet HTML 8Page - Analog Devices ADV7123KSTZ140 Datasheet HTML 9Page - Analog Devices ADV7123KSTZ140 Datasheet HTML 10Page - Analog Devices Next Button 

ADV7123KSTZ140 Détails du produit

GENERAL DESCRIPTION
The ADV7123 (ADV®) is a triple high speed, digital-to-analog converter on a single monolithic chip. It consists of three high speed, 10-bit, video DACs with complementary outputs, a standard TTL input interface, and a high impedance, analog output current source.

FEATURES
    330 MSPS throughput rate
    Triple 10-bit digital-to-analog converters (DACs)
    SFDR
        −70 dB at fCLK = 50 MHz; fOUT = 1 MHz
        −53 dB at fCLK = 140 MHz; fOUT = 40 MHz
    RS-343A-/RS-170-compatible output
    Complementary outputs
    DAC output current range: 2.0 mA to 26.5 mA
    TTL-compatible inputs
    Internal reference (1.235 V)
    Single-supply 5 V/3.3 V operation
    48-lead LQFP package
    Low power dissipation (30 mW minimum @ 3 V)
    Low power standby mode (6 mW typical @ 3 V)
    Industrial temperature range (−40°C to +85°C)
    Pb-free (lead-free) package

APPLICATIONS
    Digital video systems (1600 × 1200 @ 100 Hz)
    High resolution color graphics
    Digital radio modulation
    Image processing
    Instrumentation
    Video signal reconstruction




Numéro de pièce similaire - ADV7123KSTZ140

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
More results


Description similaire - ADV7123KSTZ140

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7125 AD-ADV7125_16 Datasheet
410Kb / 17P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125 AD-ADV7125 Datasheet
264Kb / 12P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. 0
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7123 AD-ADV7123 Datasheet
342Kb / 20P
   CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
REV. B
ADV7123-EP AD-ADV7123-EP Datasheet
177Kb / 12P
   CMOS, 170 MHz, Triple, 10-Bit High Speed Video DAC
REV. 0
ADV7127KRUZ140 AD-ADV7127KRUZ140 Datasheet
225Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
More results




À propos de Analog Devices


Analog Devices, Inc. (ADI) est une entreprise cotée en bourse qui conçoit, développe et fabrique des circuits intégrés analogiques, de signal mixte et de signal numérique (DSP) (ICS).
L'entreprise a été fondée en 1965 et a son siège à Norwood, Massachusetts.
L'ADI dessert un large éventail d'industries, notamment l'aérospatiale et la défense, l'automobile, les communications, les consommateurs, l'industrie, le médical et le test et la mesure.
Le portefeuille de produits de l'entreprise comprend des convertisseurs de données, des amplificateurs et des comparateurs, des circuits intégrés de gestion de l'alimentation, des microcontrôleurs, des capteurs et des composants radiofréquences (RF) et des micro-ondes, entre autres.
ADI se consacre à l'innovation et à la satisfaction des clients et s'engage à fournir à ses clients des solutions fiables de haute qualité pour répondre à leurs besoins.
En mettant l'accent sur l'efficacité énergétique et la durabilité, ADI est un leader de l'industrie des circuits intégrés analogiques et mixtes, stimulant les progrès technologiques et fournissant des solutions innovantes aux problèmes les plus difficiles du monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com