Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LCXR162245MTD Fiches technique (PDF) - Fairchild Semiconductor

74LCXR162245MTD Datasheet PDF - Fairchild Semiconductor
No de pièce 74LCXR162245MTD
Télécharger  74LCXR162245MTD Télécharger

Taille du fichier   93.88 Kbytes
Page   8 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and 26W Series Resistors in the Outputs

74LCXR162245MTD Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
74LCXR162245MTD Datasheet PDF - Fairchild Semiconductor

No de pièce 74LCXR162245MTD
Télécharger  74LCXR162245MTD Click to download

Taille du fichier   93.88 Kbytes
Page   8 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and 26W Series Resistors in the Outputs

74LCXR162245MTD Fiches technique (HTML) - Fairchild Semiconductor

74LCXR162245MTD Datasheet HTML 1Page - Fairchild Semiconductor 74LCXR162245MTD Datasheet HTML 2Page - Fairchild Semiconductor 74LCXR162245MTD Datasheet HTML 3Page - Fairchild Semiconductor 74LCXR162245MTD Datasheet HTML 4Page - Fairchild Semiconductor 74LCXR162245MTD Datasheet HTML 5Page - Fairchild Semiconductor 74LCXR162245MTD Datasheet HTML 6Page - Fairchild Semiconductor 74LCXR162245MTD Datasheet HTML 7Page - Fairchild Semiconductor 74LCXR162245MTD Datasheet HTML 8Page - Fairchild Semiconductor

74LCXR162245MTD Détails du produit

General Description
The LCXR162245 contains sixteen non-inverting bidirectional buffers with 3-STATE outputs and is intended for bus oriented applications. The device is designed for low voltage (2.5V or 3.3V) VCC applications with capability of interfacing to a 5V signal environment.
   
Features
■ 5V tolerant inputs and outputs
■ 2.3V–3.6V VCC specifications provided
■ A and B side outputs have equivalent 26Ω series
    resistors
■ 5.3 ns tPD max (VCC = 3.3V), 20 μA ICC max
■ Power down high impedance inputs and outputs
■ Supports live insertion/withdrawal (Note 1)
■ Flow through pinout
■ Implements patented noise/EMI reduction circuitry
■ Latch-up performance exceeds 500 mA
■ ESD performance:
    Human body model > 2000V
    Machine model > 200V
   




Numéro de pièce similaire - 74LCXR162245MTD

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74LCXR162245MTD ONSEMI-74LCXR162245MTD Datasheet
202Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver
Revised June 2005
More results


Description similaire - 74LCXR162245MTD

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VCX2245 FAIRCHILD-74VCX2245 Datasheet
596Kb / 12P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26W Series Resistors in B Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX16245 FAIRCHILD-74LCX16245 Datasheet
86Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXP16245 FAIRCHILD-74LCXP16245 Datasheet
72Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and Pull-Down Resistors
74LCXP16245 FAIRCHILD-74LCXP16245_05 Datasheet
97Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and Pull-Down Resistors
74LCXZ2245 FAIRCHILD-74LCXZ2245 Datasheet
107Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245_05 Datasheet
122Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com