Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74ALVC163245 Fiches technique (PDF) - Fairchild Semiconductor

74ALVC163245 Datasheet PDF - Fairchild Semiconductor
No de pièce 74ALVC163245
Télécharger  74ALVC163245 Click to view

Taille du fichier   106.7 Kbytes
Page   9 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs

74ALVC163245 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
74ALVC163245 Datasheet PDF - Fairchild Semiconductor

No de pièce 74ALVC163245
Télécharger  74ALVC163245 Click to view

Taille du fichier   106.7 Kbytes
Page   9 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs

74ALVC163245 Fiches technique (HTML) - Fairchild Semiconductor

74ALVC163245 Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC163245 Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC163245 Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC163245 Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC163245 Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC163245 Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC163245 Datasheet HTML 7Page - Fairchild Semiconductor 74ALVC163245 Datasheet HTML 8Page - Fairchild Semiconductor 74ALVC163245 Datasheet HTML 9Page - Fairchild Semiconductor

74ALVC163245 Détails du produit

General Description
The ALVC163245 is a dual supply, 16-bit translating transceiver that is designed for 2 way asynchronous communication between busses at different supply voltages by providing true signal translation. The supply rails consist of VCCA, which is a higher potential rail operating at 2.3V to 3.6V and VCCB, which is the lower potential rail operating at 1.65V to 2.7V. (VCCB must be less than or equal to VCCA for proper device operation). This dual supply design allows for translation from 1.8V to 2.5V busses to busses at a higher potential, up to 3.3V.

Features
■ Bidirectional interface between busses ranging from 1.65V to 3.6V
■ Supports Live Insertion and Withdrawal (Note 1)
■ Uses patented Quiet Series noise/EMI reduction circuitry
■ Functionally compatible with 74 series 16245
■ Latchup conforms to JEDEC JED78
■ ESD performance:
    Human Body Model >2000V
    Machine model >200V
■ Also packaged in plastic Fine-Pitch Ball Grid Array (FBGA) (Preliminary)



Numéro de pièce similaire - 74ALVC163245

FabricantNo de pièceFiches techniqueDescription
NXP Semiconductors
NXP Semiconductors
74ALVC16334 PHILIPS-74ALVC16334 Datasheet
121Kb / 12P
   16-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ALVC16334A PHILIPS-74ALVC16334A Datasheet
121Kb / 12P
   16-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ALVC16334ADGG PHILIPS-74ALVC16334ADGG Datasheet
121Kb / 12P
   16-bit registered driver with inverted register enable 3-State
2000 Mar 14
Texas Instruments
Texas Instruments
74ALVC16334DGGRE4 TI-74ALVC16334DGGRE4 Datasheet
216Kb / 13P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
74ALVC16334DGVRE4 TI-74ALVC16334DGVRE4 Datasheet
216Kb / 13P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

Description similaire - 74ALVC163245

FabricantNo de pièceFiches techniqueDescription
Fairchild Semiconductor
Fairchild Semiconductor
74VCX164245 FAIRCHILD-74VCX164245 Datasheet
101Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74VCX163245 FAIRCHILD-74VCX163245_07 Datasheet
338Kb / 12P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74VCX163245 FAIRCHILD-74VCX163245 Datasheet
87Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
NXP Semiconductors
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
Fairchild Semiconductor
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
NXP Semiconductors
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
129Kb / 12P
   16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
74ALVC164245 NXP-74ALVC164245 Datasheet
181Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
More results

Fiches technique Page

1  2  3  4  5  6  7  8  9 


Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz