Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33071DR2G Fiches technique (PDF) - ON Semiconductor

MC33071DR2G Datasheet PDF - ON Semiconductor
No de pièce MC33071DR2G
Télécharger  MC33071DR2G Télécharger

Taille du fichier   291.84 Kbytes
Page   25 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single Supply 3.0 V to 44 V Operational Amplifiers

MC33071DR2G Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MC33071DR2G Datasheet PDF - ON Semiconductor

No de pièce MC33071DR2G
Télécharger  MC33071DR2G Click to download

Taille du fichier   291.84 Kbytes
Page   25 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single Supply 3.0 V to 44 V Operational Amplifiers

MC33071DR2G Fiches technique (HTML) - ON Semiconductor

Back Button MC33071DR2G Datasheet HTML 1Page - ON Semiconductor MC33071DR2G Datasheet HTML 2Page - ON Semiconductor MC33071DR2G Datasheet HTML 3Page - ON Semiconductor MC33071DR2G Datasheet HTML 4Page - ON Semiconductor MC33071DR2G Datasheet HTML 5Page - ON Semiconductor MC33071DR2G Datasheet HTML 6Page - ON Semiconductor MC33071DR2G Datasheet HTML 7Page - ON Semiconductor MC33071DR2G Datasheet HTML 8Page - ON Semiconductor MC33071DR2G Datasheet HTML 9Page - ON Semiconductor MC33071DR2G Datasheet HTML 10Page - ON Semiconductor Next Button 

MC33071DR2G Détails du produit

Quality bipolar fabrication with innovative design concepts are employed for the MC33071/72/74, MC34071/72/74, NCV33072/74A series of monolithic operational amplifiers. This series of operational amplifiers offer 4.5 MHz of gain bandwidth product, 13 V/μs slew rate and fast settling time without the use of JFET device technology. Although this series can be operated from split supplies, it is particularly suited for single supply operation, since the common mode input voltage range includes ground potential (VEE). With a Darlington input stage, this series exhibits high input resistance, low input offset voltage and high gain. The all NPN output stage, characterized by no deadband crossover distortion and large output voltage swing, provides high capacitance drive capability, excellent phase and gain margins, low open loop high frequency output impedance and symmetrical source/sink AC frequency response.
The MC33071/72/74, MC34071/72/74, NCV33072/74,A series of devices are available in standard or prime performance (A Suffix) grades and are specified over the commercial, industrial/vehicular or military temperature ranges. The complete series of single, dual and quad operational amplifiers are available in plastic DIP, SOIC, QFN and TSSOP surface mount packages.

Features
• Wide Bandwidth: 4.5 MHz
• High Slew Rate: 13 V/μs
• Fast Settling Time: 1.1 μs to 0.1%
• Wide Single Supply Operation: 3.0 V to 44 V
• Wide Input Common Mode Voltage Range: Includes Ground (VEE)
• Low Input Offset Voltage: 3.0 mV Maximum (A Suffix)
• Large Output Voltage Swing: −14.7 V to +14 V (with ±15 V Supplies)
• Large Capacitance Drive Capability: 0 pF to 10,000 pF
• Low Total Harmonic Distortion: 0.02%
• Excellent Phase Margin: 60°
• Excellent Gain Margin: 12 dB
• Output Short Circuit Protection
• ESD Diodes/Clamps Provide Input Protection for Dual and Quad
• NCV Prefix for Automotive and Other Applications Requiring
   Unique Site and Control Change Requirements; AEC−Q100
   Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Numéro de pièce similaire - MC33071DR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC33071DR2G ONSEMI-MC33071DR2G Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC33071DR2G ONSEMI-MC33071DR2G Datasheet
297Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
June, 2013 ??Rev. 20
MC33071DR2G ONSEMI-MC33071DR2G Datasheet
252Kb / 26P
   Operational Amplifiers
July, 2014 ??Rev. 22
MC33071DR2G ONSEMI-MC33071DR2G Datasheet
527Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2021 - Rev. 24
More results


Description similaire - MC33071DR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC33074ADG ONSEMI-MC33074ADG Datasheet
268Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
May, 2013 ??Rev. 19
MC34071 ONSEMI-MC34071_06 Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC34071 ONSEMI-MC34071 Datasheet
268Kb / 22P
   Single Supply 3.0 V to 44 V Operational Amplifiers
April, 2004 ??Rev. 8
MC34071A ONSEMI-MC34071A_10 Datasheet
275Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2010 ??Rev. 16
MC34071 ONSEMI-MC34071_V01 Datasheet
527Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2021 - Rev. 24
MC33074DG ONSEMI-MC33074DG Datasheet
297Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
June, 2013 ??Rev. 20
MC33171 ONSEMI-MC33171_06 Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
logo
Texas Instruments
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
[Old version datasheet]   36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
More results




À propos de ON Semiconductor


ON Semiconductor est une entreprise cotée en bourse qui conçoit, développe et fabrique une large gamme de produits semi-conducteurs pour une variété d'applications, notamment les marchés automobiles, informatiques, biens de consommation, industriels et communications.
La société a été fondée en 1999 et a son siège à Phoenix, en Arizona.
On Semiconductor offre un large portefeuille de gestion de l'énergie, des semi-conducteurs analogiques et discrets, notamment des MOSFET de puissance, des diodes, des redresseurs, des régulateurs de tension, entre autres.
Les produits de l'entreprise sont conçus pour être économes en énergie, fiables et rentables et sont utilisés dans une variété d'applications, notamment l'électronique portable, les systèmes d'automatisation industrielle, les systèmes d'énergie renouvelable et l'électronique automobile.
On Semiconductor s'engage dans l'innovation et la satisfaction des clients, et s'engage à fournir les meilleures solutions de semi-conducteurs pour répondre aux besoins de nos clients.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com