Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTB04-600A Fiches technique (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

BTB04-600A Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
No de pièce BTB04-600A
Télécharger  BTB04-600A Télécharger

Taille du fichier   717.61 Kbytes
Page   5 Pages
Fabricant  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Site Internet  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description SENSITIVE GATE TRIACS

BTB04-600A Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
BTB04-600A Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

No de pièce BTB04-600A
Télécharger  BTB04-600A Click to download

Taille du fichier   717.61 Kbytes
Page   5 Pages
Fabricant  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Site Internet  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description SENSITIVE GATE TRIACS

BTB04-600A Fiches technique (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

BTB04-600A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BTB04-600A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BTB04-600A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd BTB04-600A Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd BTB04-600A Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd

BTB04-600A Détails du produit

DESCRIPTION
The BTA/BTB04 T/D/S/A triac family are high performance glass passivated PNPN devices. These parts are suitables for general purpose applications where gate high sensitivity is required. Application on 4Q such as phase control and static switching.

FEATURES
■ Very low IGT = 10mA max
■ Low IH = 15mA max
■ BTA Family:
   Insulating voltage = 2500V(RMS)
   (UL recognized: E81734)




Numéro de pièce similaire - BTB04-600A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BTB04-600A STMICROELECTRONICS-BTB04-600A Datasheet
438Kb / 6P
   SENSITIVE GATE TRIACS
More results


Description similaire - BTB04-600A

FabricantNo de pièceFiches techniqueDescription
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
   SENSITIVE GATE TRIACS
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com