Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK672-610 Fiches technique (PDF) - Sanyo Semicon Device

STK672-610 Datasheet PDF - Sanyo Semicon Device
No de pièce STK672-610
Télécharger  STK672-610 Télécharger

Taille du fichier   158.8 Kbytes
Page   19 Pages
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Thick-Film Hybrid IC 2-phase Stepping Motor Driver

STK672-610 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
STK672-610 Datasheet PDF - Sanyo Semicon Device

No de pièce STK672-610
Télécharger  STK672-610 Click to download

Taille du fichier   158.8 Kbytes
Page   19 Pages
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Thick-Film Hybrid IC 2-phase Stepping Motor Driver

STK672-610 Fiches technique (HTML) - Sanyo Semicon Device

Back Button STK672-610 Datasheet HTML 1Page - Sanyo Semicon Device STK672-610 Datasheet HTML 2Page - Sanyo Semicon Device STK672-610 Datasheet HTML 3Page - Sanyo Semicon Device STK672-610 Datasheet HTML 4Page - Sanyo Semicon Device STK672-610 Datasheet HTML 5Page - Sanyo Semicon Device STK672-610 Datasheet HTML 6Page - Sanyo Semicon Device STK672-610 Datasheet HTML 7Page - Sanyo Semicon Device STK672-610 Datasheet HTML 8Page - Sanyo Semicon Device STK672-610 Datasheet HTML 9Page - Sanyo Semicon Device STK672-610 Datasheet HTML 10Page - Sanyo Semicon Device Next Button 

STK672-610 Détails du produit

Overview

The STK672-610 is a hybrid IC for use as a unipolar, 2-phase stepping motor driver with PWM current control.



Features

• The motor speed can be controlled by the frequency of an external clock signal.

• 2-phase excitation or 1-2 phase excitation is selected according to switching the state of the MODE1 pin (low or high).

• The excitation mode is set at the rising edge of the clock signal when the MODE2 pin is High, or at the rising edge or falling edge when the MODE2 pin is Low.

• The phase is maintained even if the excitation mode is switched in the middle of operation.

• The direction of rotation can be changed by applying a High or Low signal to the CWB pin used to select the direction of rotation.

• Supports schmitt input for 2.5V high level input.

• Incorporating a current detection resistor (0.089Ω: resistor tolerance ±2%), motor current can be set using two external resistors.

• Equipped with an ENABLE pin that, during clock input, allows motor output to be cut-off and resumed later while maintaining the same excitation timing.



Applications

• Office photocopiers, printers, etc.

 




Numéro de pièce similaire - STK672-610

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
STK672-610 ONSEMI-STK672-610 Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
More results


Description similaire - STK672-610

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results




À propos de Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, ou Sanyo Semicon Device, était une filiale de Sanyo Electric Co., Ltd., une société d'électronique japonaise. Le dispositif Sanyo Semicon était un fabricant de dispositifs semi-conducteurs, y compris des diodes, des transistors et d'autres composants pour l'électronique grand public, l'automobile et les applications industrielles. La société a été créée en 1970 et a eu son siège à Osaka, au Japon.

Le dispositif Sanyo Semicon était connu pour ses produits de haute qualité et son engagement à répondre aux besoins de ses clients. L'entreprise s'est concentrée sur la recherche et le développement et a participé au développement de nouvelles technologies et de nouvelles produits pour l'industrie des semi-conducteurs. Les produits de Sanyo Semicon Device ont été largement utilisés dans une variété d'applications et ont aidé à soutenir la croissance de l'industrie de l'électronique.

En 2010, Sanyo Electric a été acquise par Panasonic Corporation, une société mondiale d'électronique de premier plan. En conséquence, Sanyo Semicon Device est devenu une filiale de Panasonic et a été intégrée dans son entreprise de semi-conducteurs. L'acquisition a permis à Panasonic d'élargir son portefeuille de produits et ses offres sur le marché des semi-conducteurs et de renforcer encore sa position dans l'industrie de l'électronique.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com