Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IDT82P20416 Fiches technique (PDF) - Integrated Device Technology

IDT82P20416 Datasheet PDF - Integrated Device Technology
No de pièce IDT82P20416
Télécharger  IDT82P20416 Télécharger

Taille du fichier   1245.49 Kbytes
Page   121 Pages
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 16-Channel Short Haul T1/E1/J1 Line Interface Unit

IDT82P20416 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
IDT82P20416 Datasheet PDF - Integrated Device Technology

No de pièce IDT82P20416
Télécharger  IDT82P20416 Click to download

Taille du fichier   1245.49 Kbytes
Page   121 Pages
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 16-Channel Short Haul T1/E1/J1 Line Interface Unit

IDT82P20416 Fiches technique (HTML) - Integrated Device Technology

Back Button IDT82P20416 Datasheet HTML 1Page - Integrated Device Technology IDT82P20416 Datasheet HTML 2Page - Integrated Device Technology IDT82P20416 Datasheet HTML 3Page - Integrated Device Technology IDT82P20416 Datasheet HTML 4Page - Integrated Device Technology IDT82P20416 Datasheet HTML 5Page - Integrated Device Technology IDT82P20416 Datasheet HTML 6Page - Integrated Device Technology IDT82P20416 Datasheet HTML 7Page - Integrated Device Technology IDT82P20416 Datasheet HTML 8Page - Integrated Device Technology IDT82P20416 Datasheet HTML 9Page - Integrated Device Technology IDT82P20416 Datasheet HTML 10Page - Integrated Device Technology Next Button 

IDT82P20416 Détails du produit

DESCRIPTION
The IDT82P20416 is a 16-channel high-density T1/E1/J1 short haul Line Interface Unit. Each channel of the IDT82P20416 can be independently configured. The configuration is performed through a Serial microprocessor interface.

FEATURES
◆ Integrates 16 channels T1/E1/J1 short haul line interface units for 100 Ω T1, 120 Ω E1, 110 Ω J1 twisted pair cable and 75 Ω E1 coaxial cable applications
◆ Per-channel configurable Line Interface options
   • Fully integrated and software selectable receive and transmit termination
      – Option 1: Fully Internal Impedance Matching with integrated receive termination resistor
      – Option 2: Partially Internal Impedance Matching with common external resistor for improved device power dissipation
      – Option 3: External impedance Matching termination
   • Supports global configuration and per-channel configuration to T1, E1 or J1 mode
◆ Per-channel programmable features
   • Provides T1/E1/J1 short haul waveform templates and user programmable arbitrary waveform templates
   • Provides two JAs (Jitter Attenuator) for each channel of receiver and transmitter
   • Supports AMI/B8ZS (for T1/J1) and AMI/HDB3 (for E1) encoding and decoding
◆ Per-channel System Interface options
   • Supports Single Rail, Dual Rail with clock or without clock and sliced system interface
   • Integrated Clock Recovery for the transmit interface to recover transmit clock from system transmit data
◆ Per-channel system and diagnostic functions
   • Provides transmit driver over-current detection and protection with optional automatic high impedance of transmit interface
   • Detects and generates PRBS (Pseudo Random Bit Sequence), ARB (Arbitrary Pattern) and IB (Inband Loopback) in either receive or transmit direction
   • Provides defect and alarm detection in both receive and transmit directions.
      – Defects include BPV (Bipolar Violation) /CV (Code Violation) and EXZ (Excessive Zeroes)
      – Alarms include LLOS (Line LOS), SLOS (System LOS), TLOS (Transmit LOS) and AIS (Alarm Indication Signal)
   • Programmable LLOS detection /clear levels. Compliant with ITU and ANSI specifications
   • Various pattern, defect and alarm reporting options
      – Serial hardware LLOS reporting (LLOS, LLOS0) for all 16 channels
      – Register access to individual registers or 16-bit error counters
   • Supports Analog Loopback, Digital Loopback and Remote Loopback
   • Supports T1.102 line monitor
◆ Hitless Protection Switching (HPS) without external Relays
   • Supports 1+1 and 1:1 hitless protection switching
   • Asynchronous hardware control (OE, RIM) for fast global high impedance of receiver and transmitter (hot switching between working and backup board)
   • High impedance transmitter and receiver while powered down
   • Per-channel register control for high impedance, independent for receiver and transmitter
◆ Clock Inputs and Outputs
   • Flexible master clock (N x 1.544 MHz or N x 2.048 MHz) (1 ≤ N ≤ 8, N is an integer number)
   • Integrated clock synthesizer can multiply or divide the reference clock to a wide range of frequencies: 8 KHz, 64 KHz, 2.048 MHz, 4.096 MHz, 8.192 MHz, 19.44 MHz and 32.768 MHz
◆ Microprocessor Interface
   • Supports Serial microprocessor interface
◆ Other Key Features
   • IEEE1149.1 JTAG boundary scan
   • Two general purpose I/O pins
   • 3.3 V I/O with 5 V tolerant inputs
   • 3.3 V and 1.8 V power supply
   • Package: 484-pin Fine Pitch BGA (19 mm X 19 mm)
◆ Applicable Standards
   • AT&T Pub 62411 Accunet T1.5 Service
   • ANSI T1.102, T1.403 and T1.231
   • Bellcore TR-TSY-000009, GR-253-CORE and GR-499-CORE
   • ETSI CTR12/13
   • ETS 300166 and ETS 300 233
   • G.703, G.735, G.736, G.742, G.772, G.775, G.783 and G.823
   • O.161
   • ITU I.431 and ITU O.171

APPLICATIONS
◆ SDH/SONET multiplexers
◆ Central office or PBX (Private Branch Exchange)
◆ Digital access cross connects
◆ Remote wireless modules
◆ Microwave transmission systems




Numéro de pièce similaire - IDT82P20416

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
More results


Description similaire - IDT82P20416

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
logo
Exar Corporation
XRT83VSH316 EXAR-XRT83VSH316_07 Datasheet
559Kb / 97P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316_15 Datasheet
1Mb / 98P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
563Kb / 96P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Dallas Semiconductor
DS26324 DALLAS-DS26324_07 Datasheet
852Kb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
logo
Maxim Integrated Produc...
DS26324 MAXIM-DS26324 Datasheet
746Kb / 112P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
REV: 070105
logo
Exar Corporation
XRT83VSH38 EXAR-XRT83VSH38 Datasheet
1Mb / 76P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314 EXAR-XRT83SL314_05 Datasheet
1Mb / 83P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314 EXAR-XRT83SL314 Datasheet
569Kb / 85P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
More results




À propos de Integrated Device Technology


Integrated Device Technology (IDT) est une entreprise américaine spécialisée dans la conception et la fabrication de solutions de semi-conducteurs de signaux mixtes.
La société a été fondée en 1980 et a son siège à San Jose, en Californie.
IDT fournit une large gamme de produits, notamment des solutions d'horloge et de synchronisation, une interface de mémoire et des produits logiques numériques.
Les produits de l'entreprise sont utilisés dans diverses applications telles que l'informatique, les télécommunications et l'automatisation industrielle.
IDT est connu pour son expertise dans la technologie des semi-conducteurs de signaux mixtes et sa capacité à fournir des produits de haute qualité et fiables à ses clients.
La société possède des opérations et des installations dans divers pays à travers le monde et travaille en étroite collaboration avec ses clients pour fournir des solutions de semi-conducteurs personnalisées qui répondent à leurs exigences et besoins spécifiques.
En plus de son entreprise principale, IDT fournit également des solutions pour les marchés de l'automobile, du centre de données et de l'Internet des objets (IoT).

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com