Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V15W11-EZ200-W3 Fiches technique (PDF) - Honeywell Solid State Electronics Center

V15W11-EZ200-W3 Datasheet PDF - Honeywell Solid State Electronics Center
No de pièce V15W11-EZ200-W3
Télécharger  V15W11-EZ200-W3 Télécharger

Taille du fichier   277.62 Kbytes
Page   6 Pages
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description MICRO SWITCH??V15W Series Watertight Miniature Switches

V15W11-EZ200-W3 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
V15W11-EZ200-W3 Datasheet PDF - Honeywell Solid State Electronics Center

No de pièce V15W11-EZ200-W3
Télécharger  V15W11-EZ200-W3 Click to download

Taille du fichier   277.62 Kbytes
Page   6 Pages
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description MICRO SWITCH??V15W Series Watertight Miniature Switches

V15W11-EZ200-W3 Fiches technique (HTML) - Honeywell Solid State Electronics Center

V15W11-EZ200-W3 Datasheet HTML 1Page - Honeywell Solid State Electronics Center V15W11-EZ200-W3 Datasheet HTML 2Page - Honeywell Solid State Electronics Center V15W11-EZ200-W3 Datasheet HTML 3Page - Honeywell Solid State Electronics Center V15W11-EZ200-W3 Datasheet HTML 4Page - Honeywell Solid State Electronics Center V15W11-EZ200-W3 Datasheet HTML 5Page - Honeywell Solid State Electronics Center V15W11-EZ200-W3 Datasheet HTML 6Page - Honeywell Solid State Electronics Center



Numéro de pièce similaire - V15W11-EZ200-W3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
V15W60C-M3 VISHAY-V15W60C-M3 Datasheet
123Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
V15W60C-M3 VISHAY-V15W60C-M3 Datasheet
90Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
08-Feb-17
V15W60C-M3I VISHAY-V15W60C-M3I Datasheet
123Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
V15W60C-M3 VISHAY-V15W60C-M3_15 Datasheet
124Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.38 V at IF = 3 A
Revision: 04-Dec-13
V15W60C-M3 VISHAY-V15W60C-M3_15 Datasheet
116Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
More results


Description similaire - V15W11-EZ200-W3

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
002381 HONEYWELL-002381 Datasheet
1Mb / 9P
   MICRO SWITCH Miniature Precision Limit Switches
05/19
914CE HONEYWELL-914CE Datasheet
1Mb / 9P
   MICRO SWITCH Miniature Precision Limit Switches
logo
GREATECS
MP2 GREATECS-MP2 Datasheet
121Kb / 1P
   Miniature SPDT Micro Switches
MP1 GREATECS-MP1 Datasheet
698Kb / 1P
   Miniature SPST Micro Switches
logo
Hammond Manufacturing L...
1551W HAMMOND-1551W Datasheet
159Kb / 1P
   Watertight Polycarbonate Miniature Enclosures
7/24/22
logo
Tyco Electronics
29691 MACOM-29691 Datasheet
311Kb / 1P
   MICRO MINIATURE PUSHBUTTON SWITCH
logo
Reed Relays and Electro...
MM-1018-L RRE-MM-1018-L Datasheet
103Kb / 1P
   Micro-miniature Reed Switch
More results




À propos de Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com