Fabricant | No de pièce | Fiches technique | Description |
AIMTEC |
AMEGR30-KZ-C1
|
211Kb / 2P |
up to1000mA | AC-DC LED driver
|
AMEOR30C-AZ
|
853Kb / 17P |
up to 2.5A | AC-DC / DC-DC LED driver
|
AMEPR5-AZ
|
374Kb / 3P |
up to 1A | AC-DC / DC-DC LED driver
|
AMEPR15D-AZ
|
514Kb / 5P |
up to 1A | AC-DC / DC-DC LED driver
|
AMEPR30D-AZ
|
516Kb / 5P |
up to 2A | AC-DC / DC-DC LED driver
|
AMEOR60C-50120AZ
|
872Kb / 14P |
up to 5A | AC-DC / DC-DC LED driver
|
AMEOR30-5070AZ
|
960Kb / 14P |
up to 2.5A | AC-DC / DC-DC LED driver
|
AMEPR5-AZ
|
202Kb / 3P |
up to 1A | AC-DC / DC-DC LED driver
|
AMEPR10D-AZ
|
427Kb / 4P |
up to 0.7A | AC-DC / DC-DC LED driver
|
AMEPR30D-AZ
|
519Kb / 5P |
up to 2A | AC-DC / DC-DC LED driver
|