Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK672-050 Fiches technique (PDF) - Sanyo Semicon Device

STK672-050 Datasheet PDF - Sanyo Semicon Device
No de pièce STK672-050
Télécharger  STK672-050 Télécharger

Taille du fichier   1060.48 Kbytes
Page   11 Pages
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)

STK672-050 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
STK672-050 Datasheet PDF - Sanyo Semicon Device

No de pièce STK672-050
Télécharger  STK672-050 Click to download

Taille du fichier   1060.48 Kbytes
Page   11 Pages
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)

STK672-050 Fiches technique (HTML) - Sanyo Semicon Device

Back Button STK672-050 Datasheet HTML 1Page - Sanyo Semicon Device STK672-050 Datasheet HTML 2Page - Sanyo Semicon Device STK672-050 Datasheet HTML 3Page - Sanyo Semicon Device STK672-050 Datasheet HTML 4Page - Sanyo Semicon Device STK672-050 Datasheet HTML 5Page - Sanyo Semicon Device STK672-050 Datasheet HTML 6Page - Sanyo Semicon Device STK672-050 Datasheet HTML 7Page - Sanyo Semicon Device STK672-050 Datasheet HTML 8Page - Sanyo Semicon Device STK672-050 Datasheet HTML 9Page - Sanyo Semicon Device STK672-050 Datasheet HTML 10Page - Sanyo Semicon Device Next Button 

STK672-050 Détails du produit

Overview
The STK672-040 is a unipolar constant-current choppertype externally-excited 4-phase stepping motor driver hybrid IC which uses MOSFET power devices. It has a microstep operation-supported 4-phase distributed controller built-in to realize a high torque, low vibration, low noise stepping motor driver using a simple control circuit.

Features
• Microstep sine-wave driver operation using only an external clock input (0.33Ω current detection resistor built-in)
• Microstep drive using only an external reference voltage setting resistor
• 2, 1-2, W1-2, 2W1-2, 4W1-2 phase excitation selectable using external pins
• Selectable vector locus (perfect circle mode, inside 1 mode, outside 2 modes) to match motor characteristics in microstep drive state
• Phase hold function during excitation switching
• Schmitt trigger inputs with built-in pull-up resistor (20kΩ)
• Monitor output pin enabling real-time confirmation of IC excitation
• The CLK and RETURN inputs provide an internal noise elimination circuit as well as CMOS Schmitt circuit to prevent malfunction due to impulse noise.
• 4-phase distribution switch timing selected externally to either CLK rising-edge only detection mode or both rising-edge and falling-edge detection mode
• ENABLE pin for excitation current cutoff, thereby reducing system current drain when driver is stopped

Applications
• Printer, copier, and X-Y plotter stepping motor drivers




Numéro de pièce similaire - STK672-050

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK672-050 SANYO-STK672-050 Datasheet
218Kb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 3.0A)
STK672-050-E SANYO-STK672-050-E Datasheet
206Kb / 19P
   Stepping Motor Driver (sine wave drive) Output Current 3.0A (no heat sink*)
logo
ON Semiconductor
STK672-050GEVB ONSEMI-STK672-050GEVB Datasheet
204Kb / 19P
   Thick-Film Hybrid IC
June, 2013
More results


Description similaire - STK672-050

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK672-050 SANYO-STK672-050 Datasheet
218Kb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 3.0A)
STK6711AMK4 SANYO-STK6711AMK4 Datasheet
105Kb / 4P
   4-Phase Stepping Motor Driver Unipolar Self-Excitation Type(Io = 1.5A)
logo
Rohm
BD63860EFV ROHM-BD63860EFV_12 Datasheet
271Kb / 9P
   Stepping Motor Driver Series Microstep 36V Series Stepping Motor Driver
logo
Sanyo Semicon Device
STK672-070-E SANYO-STK672-070-E Datasheet
178Kb / 18P
   Stepping Motor Driver Output Current 1.5A
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-110-E ONSEMI-STK672-110-E Datasheet
84Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
More results




À propos de Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, ou Sanyo Semicon Device, était une filiale de Sanyo Electric Co., Ltd., une société d'électronique japonaise. Le dispositif Sanyo Semicon était un fabricant de dispositifs semi-conducteurs, y compris des diodes, des transistors et d'autres composants pour l'électronique grand public, l'automobile et les applications industrielles. La société a été créée en 1970 et a eu son siège à Osaka, au Japon.

Le dispositif Sanyo Semicon était connu pour ses produits de haute qualité et son engagement à répondre aux besoins de ses clients. L'entreprise s'est concentrée sur la recherche et le développement et a participé au développement de nouvelles technologies et de nouvelles produits pour l'industrie des semi-conducteurs. Les produits de Sanyo Semicon Device ont été largement utilisés dans une variété d'applications et ont aidé à soutenir la croissance de l'industrie de l'électronique.

En 2010, Sanyo Electric a été acquise par Panasonic Corporation, une société mondiale d'électronique de premier plan. En conséquence, Sanyo Semicon Device est devenu une filiale de Panasonic et a été intégrée dans son entreprise de semi-conducteurs. L'acquisition a permis à Panasonic d'élargir son portefeuille de produits et ses offres sur le marché des semi-conducteurs et de renforcer encore sa position dans l'industrie de l'électronique.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com