Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VXO-1S-DS-6P Fiches technique (PDF) - QUARTZCOM the communications company

VXO-1S-DS-6P Datasheet PDF - QUARTZCOM the communications company
No de pièce VXO-1S-DS-6P
Télécharger  VXO-1S-DS-6P Télécharger

Taille du fichier   118.06 Kbytes
Page   1 Pages
Fabricant  QUARTZCOM [QUARTZCOM the communications company]
Site Internet  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company
Description SMD VCXO LVDS Output frequency up to 312.5 MHz

VXO-1S-DS-6P Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
VXO-1S-DS-6P Datasheet PDF - QUARTZCOM the communications company

No de pièce VXO-1S-DS-6P
Télécharger  VXO-1S-DS-6P Click to download

Taille du fichier   118.06 Kbytes
Page   1 Pages
Fabricant  QUARTZCOM [QUARTZCOM the communications company]
Site Internet  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company
Description SMD VCXO LVDS Output frequency up to 312.5 MHz

VXO-1S-DS-6P Fiches technique (HTML) - QUARTZCOM the communications company

VXO-1S-DS-6P Datasheet HTML 1Page - QUARTZCOM the communications company



Numéro de pièce similaire - VXO-1S-DS-6P

FabricantNo de pièceFiches techniqueDescription
logo
QUARTZCOM the communica...
VXO-1S-DSM-6P QUARTZCOM-VXO-1S-DSM-6P Datasheet
119Kb / 1P
   High frequency SMD VCXO LVDS Output frequency up to 700 MHz
More results


Description similaire - VXO-1S-DS-6P

FabricantNo de pièceFiches techniqueDescription
logo
QUARTZCOM the communica...
VXO-P9-DS-6P QUARTZCOM-VXO-P9-DS-6P Datasheet
229Kb / 1P
   SMD VCXO LVDS Output frequency up to 312.5 MHz
VXO-P9-DEH-6J QUARTZCOM-VXO-P9-DEH-6J Datasheet
107Kb / 1P
   SMD VCXO LVDS Output frequency up to 800 MHz
VXO-1S-DSM-6P QUARTZCOM-VXO-1S-DSM-6P Datasheet
119Kb / 1P
   High frequency SMD VCXO LVDS Output frequency up to 700 MHz
VXO-P9-3DSM-6P QUARTZCOM-VXO-P9-3DSM-6P Datasheet
229Kb / 1P
   High frequency SMD VCXO LVDS Output frequency up to 700 MHz
VXO-P9-PEH-6J QUARTZCOM-VXO-P9-PEH-6J Datasheet
107Kb / 1P
   SMD VCXO LVPECL Output frequency up to 800 MHz
VXO-P9-PEM-6P QUARTZCOM-VXO-P9-PEM-6P Datasheet
106Kb / 1P
   SMD VCXO LVPECL Output frequency up to 700 MHz
VXO-P9-PE-6P QUARTZCOM-VXO-P9-PE-6P Datasheet
112Kb / 1P
   SMD VCXO LVPECL Output frequency up to 200 MHz
VXO-1S-PEM-6P QUARTZCOM-VXO-1S-PEM-6P Datasheet
120Kb / 1P
   High frequency SMD VCXO LVPECL Output frequency up to 700 MHz
VXO-SK-S-4P QUARTZCOM-VXO-SK-S-4P Datasheet
106Kb / 1P
   SMD VCXO Sine wave Output frequency up to 400 MHz
PXO-P9-DS-6P QUARTZCOM-PXO-P9-DS-6P Datasheet
119Kb / 1P
   SMD Clock Oscillator LVDS Output frequency up to 320 MHz
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com