Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC145181FTAR2 Fiches technique (PDF) - Motorola, Inc

MC145181FTAR2 Datasheet PDF - Motorola, Inc
No de pièce MC145181FTAR2
Télécharger  MC145181FTAR2 Télécharger

Taille du fichier   957.27 Kbytes
Page   71 Pages
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Dual 550/60 MHz PLL Frequency Synthesizer with DACs and Voltage Multiplier

MC145181FTAR2 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MC145181FTAR2 Datasheet PDF - Motorola, Inc

No de pièce MC145181FTAR2
Télécharger  MC145181FTAR2 Click to download

Taille du fichier   957.27 Kbytes
Page   71 Pages
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Dual 550/60 MHz PLL Frequency Synthesizer with DACs and Voltage Multiplier

MC145181FTAR2 Fiches technique (HTML) - Motorola, Inc

Back Button MC145181FTAR2 Datasheet HTML 1Page - Motorola, Inc MC145181FTAR2 Datasheet HTML 2Page - Motorola, Inc MC145181FTAR2 Datasheet HTML 3Page - Motorola, Inc MC145181FTAR2 Datasheet HTML 4Page - Motorola, Inc MC145181FTAR2 Datasheet HTML 5Page - Motorola, Inc MC145181FTAR2 Datasheet HTML 6Page - Motorola, Inc MC145181FTAR2 Datasheet HTML 7Page - Motorola, Inc MC145181FTAR2 Datasheet HTML 8Page - Motorola, Inc MC145181FTAR2 Datasheet HTML 9Page - Motorola, Inc MC145181FTAR2 Datasheet HTML 10Page - Motorola, Inc Next Button 

MC145181FTAR2 Détails du produit

The MC145181 is a dual frequency synthesizer containing very–low supply voltage circuitry. The device supports two independent loops with a single input reference and operates down to 1.8 V. Phase noise reduction circuitry is incorporated into the device.

The MC145181 operates up to 550 MHz on the main loop and up to 60 MHz on the secondary loop. The device has a 32/33 prescaler for the main loop. Lock detection circuitry for both loops is multiplexed to a single output.

Two 8–bit DACs are powered through a dedicated pin. The DAC supply range is 1.8 to 3.6 V; this voltage may differ from the main supply.



• Operating Frequency

   Main Loop: 100 to 550 MHz

   Secondary Loop: 10 to 60 MHz

• Operating Supply Voltage: 1.8 to 3.6 V

• Nominal Supply Current, Both Loops Active: 3 mA

• Maximum Standby Current, All Systems Shut Down: 10 µA

• Phase Detector Output Current:

   1.8 V Supply — PDout–Hi: 2.8 mA, PDout–Lo: 0.7 mA

   ≥2.5 V Supply — PDout–Hi: 4.4 mA, PDout–Lo: 1.1 mA

• Two Independent 8–Bit DACs with Separate Supply Pin (Up to 3.6 V)

• Lock Detect Output with Adjustable Lock Indication Window

• Independent R Counters Allow Independent Step Sizes for Each Loop

• Main Loop Divider Range: 992 to 262,143

• Secondary Loop Divider Range: 7 to 8,191

• Fractional Reference Counters Divider Range: 20 to 32,767.5

• Auxiliary Reference Divider with Small–Signal Differential

   Output — Ratios: 8, 10, 12.5

• Three General–Purpose Outputs

• Direct Interface to Motorola SPI Data Port Up to 10 Mbps



 




Numéro de pièce similaire - MC145181FTAR2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14518 ONSEMI-MC14518 Datasheet
174Kb / 8P
   Dual Up Counters
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14518-520B MOTOROLA-MC14518-520B Datasheet
203Kb / 7P
   DUAL UP COUNTERS
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B Datasheet
174Kb / 8P
   Dual Up Counters
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14518B MOTOROLA-MC14518B Datasheet
203Kb / 7P
   DUAL UP COUNTERS
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B Datasheet
112Kb / 9P
   Dual Up Counters
January, 2006 ??Rev. 5
More results


Description similaire - MC145181FTAR2

FabricantNo de pièceFiches techniqueDescription
logo
Hynix Semiconductor
GM6535 HYNIX-GM6535 Datasheet
225Kb / 23P
   60 MHz Universal Programmable Dual PLL Frequency synthesizer
logo
Motorola, Inc
MC145149 MOTOROLA-MC145149 Datasheet
157Kb / 12P
   Dual PLL Frequency Synthesizer
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
   Dual PLL frequency synthesizer
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162_08 Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
   Dual PLL Frequency Synthesizer Circuit
logo
Toshiba Semiconductor
TB31251FL TOSHIBA-TB31251FL Datasheet
573Kb / 15P
   1.4GHz DUAL-PLL FREQUENCY SYNTHESIZER
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162 Datasheet
1Mb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
logo
Sanyo Semicon Device
LV2105V SANYO-LV2105V Datasheet
74Kb / 7P
   530 MHz PLL Frequency Synthesizer LSI
logo
Peregrine Semiconductor...
PE3291 PEREGRINE-PE3291 Datasheet
238Kb / 15P
   1200 MHz / 550 MHz Dual Fractional-N FlexiPower??PLL for Frequency Synthesis
logo
California Eastern Labs
UPB1007K CEL-UPB1007K Datasheet
343Kb / 9P
   3 V DUAL DOWNCONVERTER AND PLL FREQUENCY SYNTHESIZER
More results




À propos de Motorola, Inc


Motorola, Inc. était une société américaine de télécommunications multinationales fondée en 1928. Elle était basée à Schaumburg, Illinois et était l'un des plus grands fournisseurs de téléphones portables, d'équipement de télécommunication et de semi-conducteurs. Tout au long de son histoire, Motorola était connue pour son innovation dans le domaine des télécommunications, notamment le développement du premier téléphone cellulaire disponible dans le monde, le Dynatac, et le premier pager à double sens au monde, le Pageboy.

En 2011, Motorola s'est divisée en deux sociétés distinctes: Motorola Mobility et Motorola Solutions. Motorola Mobility a ensuite été acquise par Google en 2012 et est maintenant une filiale de Lenovo. Motorola Solutions se concentre sur les solutions de sécurité publique et de communication commerciale et industrielle. La société propose une large gamme de produits, notamment des radios bidirectionnelles, des appareils informatiques mobiles et des équipements d'infrastructure réseau.

Motorola était l'un des pionniers de l'industrie du téléphone portable et a une riche histoire d'innovation et de progrès technologiques. L'héritage de l'entreprise se poursuit par le biais de ses filiales et sa technologie et ses produits continuent d'être utilisés dans le monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com