Fabricant | No de pièce | Fiches technique | Description |
Molex Electronics Ltd. |
5002541941
|
274Kb / 5P |
HDMI Receptacle, Right Angle with Screw Flange, SMT Solder Tails and Through Hole Shell
|
5002541927
|
237Kb / 5P |
HDMI* Receptacle, Right Angle, SMT Solder Tails and Through Hole Shell Tabs
|
5022370517
|
47Kb / 2P |
USB Mini-B Receptacle, Vertical, Through Hole Solder Tails and Shell Tabs with Dimples
|
5000750517
|
34Kb / 2P |
Mini USB, B-Receptacle, Vertical, Through Hole Solder Tails and Shell Tabs with Dimples
|
0565790519
|
36Kb / 2P |
Mini USB, AB-Receptacle, Right-Angle, Through Hole Solder Tails and Shell Tabs,Lead-Free
|
0548190519
|
40Kb / 2P |
Mini USB, B-Receptacle, Right-Angle, Through Hole Solder Tails and Shell Tabs, Lead-Free
|
5000751517
|
34Kb / 2P |
Mini USB, B-Receptacle, Vertical, Through Hole Solder Tails and Shell Tabs
|
0471510002
|
717Kb / 10P |
0.50mm (.020") Pitch HDMI Receptacle, Right Angle with Screw Flange, Front Solder Tab Length 1.80mm
|
0471511132
|
721Kb / 10P |
0.50mm (.020") Pitch HDMI Receptacle, Right Angle with Screw Flange, Front Solder Tab Length 1.45mm
|
0471511032
|
721Kb / 10P |
0.50mm (.020") Pitch HDMI Receptacle, Right Angle with Screw Flange, Front Solder Tab Length 1.80mm (.071")
|