Fabricant | No de pièce | Fiches technique | Description |
Molex Electronics Ltd. |
0743209000
|
216Kb / 4P |
MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, ThroughHole, ATX with Beveled Metal Pins, Right Angle, 0.76關m (30關") Gold (Au), 2.34mm
|
0743209004
|
213Kb / 4P |
MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, ThroughHole, ATX with Beveled Metal Pins, Right Angle, Gold (Au) Flash, 2.34mm (.092")
|
0743209010
|
259Kb / 4P |
MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel MountThrough Hole, Right Angle, with Beveled Metal Pins, 0.76關m (30關") Gold (Au), Lead
|
0743209133
|
217Kb / 4P |
MicroCross??DVI-I Digital/ Analog Interface, PCB Receptacle, Panel Mount, ThroughHole, Right Angle, with Beveled Metal Pins, Jack Screws, and Back Shield, 0.76關m
|
0743209043
|
207Kb / 4P |
MicroCross DVI-D Digital Visual Interface, PCB Receptacle, Through Hole, Right Angle, with Beveled Metal
|
0743201008
|
238Kb / 4P |
MicroCross??DVI-A Analog Visual Interface, PCB Receptacle, Panel Mount, ThroughHole, Right Angle, 0.76關m (30關") Gold (Au), 2.34mm (.092") P.C. Tail Length, Screw
|
0743205000
|
231Kb / 4P |
MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, ThroughHole, Vertical, 0.76關m (30關") Gold (Au), Lead Free, Screw Hole, 4-40 Thread, 24
|
0743204003
|
207Kb / 4P |
MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, PolyesterPCT), Through Hole, 3.12mm(.123") PC Tail Length, Right Angle, 0.76關m (30關) Gold
|
0743204001
|
207Kb / 4P |
MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, Polyester(PCT), Through Hole, 1.27mm(.050") PC Tail Length, Right Angle, 0.76關m (30關) Gold
|
0743204000
|
207Kb / 4P |
MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, Polyester(PCT), Through Hole, 2.34mm(.092") PC Tail Length, Right Angle, 0.76關m (30關) Gold
|