Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MVL-584BG Fiches technique (PDF) - Unity Opto Technology

MVL-584BG Datasheet PDF - Unity Opto Technology
No de pièce MVL-584BG
Télécharger  MVL-584BG Télécharger

Taille du fichier   31.22 Kbytes
Page   2 Pages
Fabricant  UOT [Unity Opto Technology]
Site Internet  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology
Description T-1 3/4 ( f 5mm) InGaN LED LAMPs

MVL-584BG Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MVL-584BG Datasheet PDF - Unity Opto Technology

No de pièce MVL-584BG
Télécharger  MVL-584BG Click to download

Taille du fichier   31.22 Kbytes
Page   2 Pages
Fabricant  UOT [Unity Opto Technology]
Site Internet  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology
Description T-1 3/4 ( f 5mm) InGaN LED LAMPs

MVL-584BG Fiches technique (HTML) - Unity Opto Technology

MVL-584BG Datasheet HTML 1Page - Unity Opto Technology MVL-584BG Datasheet HTML 2Page - Unity Opto Technology

MVL-584BG Détails du produit

Description
The MVL-584BG, a blue source color device,
is made with InGaN ( on SiC substrate) LED die.
The package is T-1 3/4 (ф5mm) water clear plastic type.

Features
• High performance - 2.5mW (490nm)
• Superior SiC substrate technology
• Excellent chip to chip consistency
• High reliability

Applications
• Full color displays & moving message signs
• Solid state incandescent replacement bulbs
• High ambient panel indicators
• Color printers & scanners
• Medical & Analytical instruments




Numéro de pièce similaire - MVL-584BG

FabricantNo de pièceFiches techniqueDescription
logo
Unity Opto Technology
MVL-584B UOT-MVL-584B Datasheet
32Kb / 2P
   T-1 3/4 ( f5mm) PACKAGE SOLID STATE LAMP
MVL-584BS UOT-MVL-584BS Datasheet
30Kb / 2P
   T-1 3/4 ( f5mm) InGaN LED LAMPs
MVL-584BV UOT-MVL-584BV Datasheet
30Kb / 2P
   T-1 3/4 ( f5mm) InGaN LED LAMPs
More results


Description similaire - MVL-584BG

FabricantNo de pièceFiches techniqueDescription
logo
Unity Opto Technology
MVL-584BS UOT-MVL-584BS Datasheet
30Kb / 2P
   T-1 3/4 ( f5mm) InGaN LED LAMPs
MVL-564BS UOT-MVL-564BS Datasheet
32Kb / 2P
   T-1 3/4 ( f5mm) InGaN LED LAMPs
MVL-584BV UOT-MVL-584BV Datasheet
30Kb / 2P
   T-1 3/4 ( f5mm) InGaN LED LAMPs
MVL-5C4BS UOT-MVL-5C4BS Datasheet
33Kb / 2P
   T-1 3/4 ( f5mm) InGaN LED LAMPs
MVL-5C4SG UOT-MVL-5C4SG Datasheet
32Kb / 2P
   T-1 3/4 ( f5mm) InGaN LED LAMPs
MVL-584TG UOT-MVL-584TG Datasheet
29Kb / 2P
   T-1 3/4 ( f5mm) InGaN LED LAMPs
MVL-564BG UOT-MVL-564BG Datasheet
32Kb / 2P
   T-1 3/4 ( f5mm) InGaN LED LAMPs
MVL-584SG UOT-MVL-584SG Datasheet
32Kb / 2P
   T-1 3/4 ( f5mm) InGaN LED LAMPs
MVL-544UG UOT-MVL-544UG Datasheet
35Kb / 2P
   T-1 3/4 ( f 5mm) HIGH POWER AlInGaP LED LAMPs
logo
Kingbright Corporation
L-493 KINGBRIGHT-L-493 Datasheet
143Kb / 5P
   T-1 3/4 (5MM) CYLINDRICAL LED LAMPS
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com