Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVX273 Fiches technique (PDF) - Toshiba Semiconductor

74LVX273 Datasheet PDF - Toshiba Semiconductor
No de pièce 74LVX273
Télécharger  74LVX273 Télécharger

Taille du fichier   279.42 Kbytes
Page   8 Pages
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description OCTAL D-TYPE FLIP FLOP WITH CLEAR

74LVX273 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
74LVX273 Datasheet PDF - Toshiba Semiconductor

No de pièce 74LVX273
Télécharger  74LVX273 Click to download

Taille du fichier   279.42 Kbytes
Page   8 Pages
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description OCTAL D-TYPE FLIP FLOP WITH CLEAR

74LVX273 Fiches technique (HTML) - Toshiba Semiconductor

74LVX273 Datasheet HTML 1Page - Toshiba Semiconductor 74LVX273 Datasheet HTML 2Page - Toshiba Semiconductor 74LVX273 Datasheet HTML 3Page - Toshiba Semiconductor 74LVX273 Datasheet HTML 4Page - Toshiba Semiconductor 74LVX273 Datasheet HTML 5Page - Toshiba Semiconductor 74LVX273 Datasheet HTML 6Page - Toshiba Semiconductor 74LVX273 Datasheet HTML 7Page - Toshiba Semiconductor 74LVX273 Datasheet HTML 8Page - Toshiba Semiconductor

74LVX273 Détails du produit

Octal D-Type Flip-Flop with Clear
   
The TC74LVX273F/ FW/ FT is a high-speed CMOS octal D-flip flop fabricated with silicon gate CMOS technology. Designed for use in 3-V systems, it achieves high-speed operation while maintaining the CMOS low power dissipation.
   
Features
● High-speed: fmax = 150 MHz (typ.) (VCC = 3 V)
● Low power dissipation: ICC = 4 µA (max) (Ta = 25°C)
● Input voltage level: VIL = 0.8 V (max) (VCC = 3 V)
                                  VIH = 2.0 V (min) (VCC = 3 V)
● Power-down protection provided on all inputs
● Balanced propagation delays: tpLH ≈ tpHL
● Low niose: VOLP = 0.8 V (max)
● Pin and function compatible with 74HC273
   




Numéro de pièce similaire - 74LVX273

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVX273 FAIRCHILD-74LVX273 Datasheet
80Kb / 7P
   Low Voltage Octal D-Type Flip-Flop
logo
STMicroelectronics
74LVX273 STMICROELECTRONICS-74LVX273 Datasheet
307Kb / 12P
   LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP WITH CLEAR (5V TOLERANT INPUTS)
logo
ON Semiconductor
74LVX273 ONSEMI-74LVX273 Datasheet
198Kb / 9P
   Low Voltage Octal D-Type Flip-Flop
Revised April 2005
logo
Fairchild Semiconductor
74LVX273M FAIRCHILD-74LVX273M Datasheet
80Kb / 7P
   Low Voltage Octal D-Type Flip-Flop
logo
ON Semiconductor
74LVX273M ONSEMI-74LVX273M Datasheet
198Kb / 9P
   Low Voltage Octal D-Type Flip-Flop
Revised April 2005
More results


Description similaire - 74LVX273

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
   Octal D-Type Flip-Flop with Clear
2019-01-31
logo
Texas Instruments
SN54273 TI-SN54273 Datasheet
95Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
Fairchild Semiconductor
MM74HCT273 FAIRCHILD-MM74HCT273 Datasheet
106Kb / 8P
   Octal D-Type Flip-Flop with Clear
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_12 Datasheet
212Kb / 10P
   Octal D-Type Flip-Flop with Clear
logo
STMicroelectronics
M74HC273 STMICROELECTRONICS-M74HC273 Datasheet
261Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com