Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IS42S16320B-7BL Fiches technique (PDF) - Integrated Silicon Solution, Inc

IS42S16320B-7BL Datasheet PDF - Integrated Silicon Solution, Inc
No de pièce IS42S16320B-7BL
Télécharger  IS42S16320B-7BL Télécharger
Taille du fichier   913.2 Kbytes
Page   61 Pages
Fabricant  ISSI [Integrated Silicon Solution, Inc]
Site Internet  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 64M x 8, 32M x 16 512Mb SYNCHRONOUS DRAM

IS42S16320B-7BL Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
IS42S16320B-7BL Datasheet PDF - Integrated Silicon Solution, Inc

No de pièce IS42S16320B-7BL
Télécharger  IS42S16320B-7BL Click to download

Taille du fichier   913.2 Kbytes
Page   61 Pages
Fabricant  ISSI [Integrated Silicon Solution, Inc]
Site Internet  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 64M x 8, 32M x 16 512Mb SYNCHRONOUS DRAM

IS42S16320B-7BL Fiches technique (HTML) - Integrated Silicon Solution, Inc


IS42S16320B-7BL Détails du produit

OVERVIEW

ISSIs 512Mb Synchronous DRAM achieves high-speed data transfer using pipeline architecture. All inputs and outputs signals refer to the rising edge of the clock input. The 512Mb SDRAM is organized as follows.



FEATURES

• Clock frequency: 166, 143, 133 MHz

• Fully synchronous; all signals referenced to a positive clock edge

• Internal bank for hiding row access/precharge

• Power supply

                     Vdd     Vddq

    IS42/45S16320B  3.3V  3.3V

    IS42S86400B      3.3V  3.3V

• LVTTL interface

• Programmable burst length

  – (1, 2, 4, 8, full page)

• Programmable burst sequence: Sequential/Interleave

• Auto Refresh (CBR)

• Self Refresh

• 8K refresh cycles every 64 ms

• Random column address every clock cycle

• Programmable CAS latency (2, 3 clocks)

• Burst read/write and burst read/single write operations capability

• Burst termination by burst stop and precharge command

• Available in 54-pin TSOP-II and 54-ball W-BGA (x16 only)

• Operating Temperature Range:

   Commercial: 0°C to +70°C

   Industrial: -40°C to +85°C

   Automotive, A1: -40°C to +85°C



 




Numéro de pièce similaire - IS42S16320B-7BL

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Silicon Solu...
IS42S16320D ISSI-IS42S16320D Datasheet
1Mb / 66P
Internal bank for hiding row access/precharge
IS42S16320D-5BL ISSI-IS42S16320D-5BL Datasheet
1Mb / 66P
16Mx32, 32Mx16, 64Mx8 512Mb SDRAM
Rev. A 08/29/2012
IS42S16320D-5TL ISSI-IS42S16320D-5TL Datasheet
1Mb / 66P
16Mx32, 32Mx16, 64Mx8 512Mb SDRAM
Rev. A 08/29/2012
IS42S16320D-6BL ISSI-IS42S16320D-6BL Datasheet
1Mb / 66P
16Mx32, 32Mx16, 64Mx8 512Mb SDRAM
Rev. A 08/29/2012
IS42S16320D-6BLI ISSI-IS42S16320D-6BLI Datasheet
1Mb / 66P
16Mx32, 32Mx16, 64Mx8 512Mb SDRAM
Rev. A 08/29/2012
More results


Description similaire - IS42S16320B-7BL

FabricantNo de pièceFiches techniqueDescription
logo
Alliance Semiconductor ...
AS4C32M16D1A ALSC-AS4C32M16D1A Datasheet
1Mb / 64P
32M x 16 bit DDR Synchronous DRAM
logo
Etron Technology, Inc.
EM6AB160TSE-4G ETRON-EM6AB160TSE-4G Datasheet
560Kb / 62P
32M x 16 bit DDR Synchronous DRAM
EM6GC16EWKE-15H ETRON-EM6GC16EWKE-15H Datasheet
835Kb / 85P
64M x 16 bit DDR3 Synchronous DRAM (SDRAM)
EM63B165TS-5ISG ETRON-EM63B165TS-5ISG Datasheet
1Mb / 53P
32M x 16 bit Synchronous DRAM (SDRAM)
EM63B165TS-5SG ETRON-EM63B165TS-5SG Datasheet
1Mb / 53P
32M x 16 bit Synchronous DRAM (SDRAM)
EM68B16CWQH-18H ETRON-EM68B16CWQH-18H Datasheet
1Mb / 60P
32M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18H ETRON-EM68C16CWQE-18H Datasheet
1Mb / 58P
64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18IH ETRON-EM68C16CWQE-18IH Datasheet
1,005Kb / 56P
64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQG-18H ETRON-EM68C16CWQG-18H Datasheet
1Mb / 60P
64M x 16 bit DDRII Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C32M8SA-7TCN ALSC-AS4C32M8SA-7TCN Datasheet
1Mb / 55P
32M x 8 bit Synchronous DRAM (SDRAM)
More results




À propos de Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com