Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM1819-52LD Fiches technique (PDF) - Stealth Microwave, Inc.

SM1819-52LD Datasheet PDF - Stealth Microwave, Inc.
No de pièce SM1819-52LD
Télécharger  SM1819-52LD Télécharger

Taille du fichier   150.5 Kbytes
Page   3 Pages
Fabricant  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Site Internet  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.
Description 1805 - 1880 MHz 160 Watt Power Amplifier

SM1819-52LD Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
SM1819-52LD Datasheet PDF - Stealth Microwave, Inc.

No de pièce SM1819-52LD
Télécharger  SM1819-52LD Click to download

Taille du fichier   150.5 Kbytes
Page   3 Pages
Fabricant  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Site Internet  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.
Description 1805 - 1880 MHz 160 Watt Power Amplifier

SM1819-52LD Fiches technique (HTML) - Stealth Microwave, Inc.

SM1819-52LD Datasheet HTML 1Page - Stealth Microwave, Inc. SM1819-52LD Datasheet HTML 2Page - Stealth Microwave, Inc. SM1819-52LD Datasheet HTML 3Page - Stealth Microwave, Inc.



Numéro de pièce similaire - SM1819-52LD

FabricantNo de pièceFiches techniqueDescription
logo
DB Unlimited.
SM181008-1 DBUNLIMITED-SM181008-1 Datasheet
297Kb / 1P
   Released from Engineering
logo
SUNMATE electronic Co.,...
SM1812A SUNMATE-SM1812A Datasheet
996Kb / 4P
   METAL OXIDE VARISTORS
SM1812A101K SUNMATE-SM1812A101K Datasheet
996Kb / 4P
   METAL OXIDE VARISTORS
SM1812A121K SUNMATE-SM1812A121K Datasheet
996Kb / 4P
   METAL OXIDE VARISTORS
SM1812A151K SUNMATE-SM1812A151K Datasheet
996Kb / 4P
   METAL OXIDE VARISTORS
More results


Description similaire - SM1819-52LD

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
AWB7122 SKYWORKS-AWB7122 Datasheet
779Kb / 10P
   1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
logo
ANADIGICS, Inc
AWB7122 ANADIGICS-AWB7122 Datasheet
738Kb / 9P
   1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
logo
WALSIN TECHNOLOGY CORPO...
RFBPF1109B301T WALSIN-RFBPF1109B301T Datasheet
568Kb / 7P
   1805 ~ 1880 MHz Working Frequency
logo
Tyco Electronics
PHM1880-15 MACOM-PHM1880-15 Datasheet
130Kb / 2P
   Wireless Power Module, 15W 1805-1880 MHz
logo
SIRENZA MICRODEVICES
XD010-22S-D2F SIRENZA-XD010-22S-D2F Datasheet
215Kb / 5P
   1805-1880 MHz Class A/AB 12W Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
logo
Tyco Electronics
PH1819-90 MACOM-PH1819-90 Datasheet
108Kb / 1P
   Wireless Power Transistor 90 Watts, 1805-1880 MHz
logo
M/A-COM Technology Solu...
PH1819-33 MA-COM-PH1819-33 Datasheet
180Kb / 2P
   Wireless Bipolar Power Transistor 33W, 1805-1880 MHz
PH1819-45 MA-COM-PH1819-45 Datasheet
184Kb / 2P
   Wireless Bipolar Power Transistor 45W, 1805-1880 MHz
logo
WALSIN TECHNOLOGY CORPO...
SF11091842B305T WALSIN-SF11091842B305T Datasheet
729Kb / 8P
   1805~1880 MHz Band Working Frequency
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com