Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GBPC104 Fiches technique (PDF) - TAITRON Components Incorporated

GBPC104 Datasheet PDF - TAITRON Components Incorporated
No de pièce GBPC104
Télécharger  GBPC104 Télécharger

Taille du fichier   208.19 Kbytes
Page   4 Pages
Fabricant  TAITRON [TAITRON Components Incorporated]
Site Internet  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 3.0A Glass Passivated Bridge Rectifier

GBPC104 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
GBPC104 Datasheet PDF - TAITRON Components Incorporated

No de pièce GBPC104
Télécharger  GBPC104 Click to download

Taille du fichier   208.19 Kbytes
Page   4 Pages
Fabricant  TAITRON [TAITRON Components Incorporated]
Site Internet  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 3.0A Glass Passivated Bridge Rectifier

GBPC104 Fiches technique (HTML) - TAITRON Components Incorporated

GBPC104 Datasheet HTML 1Page - TAITRON Components Incorporated GBPC104 Datasheet HTML 2Page - TAITRON Components Incorporated GBPC104 Datasheet HTML 3Page - TAITRON Components Incorporated GBPC104 Datasheet HTML 4Page - TAITRON Components Incorporated

GBPC104 Détails du produit

3.0A Glass Passivated Bridge Rectifier

Features
• Glass passivated chip junction
• High case dielectric strength 1500 VRMS
• Typical IR less than 0.1µA
• High surge current capability
• Ideal for printed circuit boards
• High temperature soldering guaranteed: 260˚C/10 seconds
   0.375” (9.5mm) lead length at 5lbs.(2.3kg) tension
• This series is UL recognized under component index,
   File number E194718
• RoHS compliant




Numéro de pièce similaire - GBPC104

FabricantNo de pièceFiches techniqueDescription
logo
General Semiconductor
GBPC104 GE-GBPC104 Datasheet
83Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC104 VISHAY-GBPC104 Datasheet
98Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 15-Apr-08
logo
MIC GROUP RECTIFIERS
GBPC104 MIC-GBPC104 Datasheet
68Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC104 VISHAY-GBPC104 Datasheet
76Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
08-Feb-17
GBPC104-E4/51 VISHAY-GBPC104-E4/51 Datasheet
83Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 08-Jul-13
More results


Description similaire - GBPC104

FabricantNo de pièceFiches techniqueDescription
logo
DONGGUAN YOU FENG WEI E...
KBP301 YFWDIODE-KBP301_V02 Datasheet
586Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP301 YFWDIODE-KBP301_V01 Datasheet
478Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
TT3A ZSELEC-TT3A Datasheet
118Kb / 2P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
KBPC300G WTE-KBPC300G Datasheet
34Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
HBS305 ZSELEC-HBS305 Datasheet
118Kb / 2P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
UD3KB10 YFWDIODE-UD3KB10 Datasheet
460Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
DB301 ZSELEC-DB301 Datasheet
73Kb / 2P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
D3KB1 YFWDIODE-D3KB1 Datasheet
461Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
DBF305 ZSELEC-DBF305 Datasheet
162Kb / 2P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB305G TAITRON-TB305G Datasheet
168Kb / 4P
   3.0A Glass Passivated Bridge Rectifier
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com