Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AK8126 Fiches technique (PDF) - Asahi Kasei Microsystems

AK8126 Datasheet PDF - Asahi Kasei Microsystems
No de pièce AK8126
Télécharger  AK8126 Télécharger

Taille du fichier   175.19 Kbytes
Page   8 Pages
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Spread Spectrum Clock Generator

AK8126 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
AK8126 Datasheet PDF - Asahi Kasei Microsystems

No de pièce AK8126
Télécharger  AK8126 Click to download

Taille du fichier   175.19 Kbytes
Page   8 Pages
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Spread Spectrum Clock Generator

AK8126 Fiches technique (HTML) - Asahi Kasei Microsystems

AK8126 Datasheet HTML 1Page - Asahi Kasei Microsystems AK8126 Datasheet HTML 2Page - Asahi Kasei Microsystems AK8126 Datasheet HTML 3Page - Asahi Kasei Microsystems AK8126 Datasheet HTML 4Page - Asahi Kasei Microsystems AK8126 Datasheet HTML 5Page - Asahi Kasei Microsystems AK8126 Datasheet HTML 6Page - Asahi Kasei Microsystems AK8126 Datasheet HTML 7Page - Asahi Kasei Microsystems AK8126 Datasheet HTML 8Page - Asahi Kasei Microsystems

AK8126 Détails du produit

Description

The AK8126 is a spread spectrum clock generator designed for Home AV applications where EMI elimination is seriously required. The device uses the AKEMD’s original spread spectrum profile** to provide excellent EMI reduction effect without degradation of system performance. The AK8126 accepts a wide clock frequency range from a crystal or reference clock input, and provides a variable spread spectrum modulation selectable by pin-setting, allowing the device to use in most AV products easily. The device is available in a very small 10-pin TMSOP package, and its pin configuration offers simple PCB layout.



Features

■ Output Frequency Range:

   16MHz – 128MHz

■ Configurable Spread Spectrum Modulation:

   - AKEMD’s Original Spread Spectrum Profile

   - Modulation Ratio:

      Center Spread:

      ±0.25%, ±0.5%, ±1.0%, ±1.5%

      Down Spread:

      -0.5%, -1.0%, -2.0%, -3.0%

   - Modulation Frequency:

      38.46KHz – 76.92KHz

■ Input Frequency Range:

   - Crystal: 16MHz – 32MHz

   - Reference Clock Input : 16MHz – 128MHz

■ Low Jitter Performance:

   100 ps (Max.) Cycle-to-cycle 1s

■ Low Current Consumption:

   2.5mA (Typ.) at 16MHz, 3.3V

■ Supply Voltage:

   3.0 – 3.6V

■ Operating Temperature Range:

   -10 to +85℃

■ Package:

   10-pin TMSOP (Thin Miniature SOP )



Applications

■ Digital TV Sets

■ Display Panels

■ Personal Video Recorders

■ Set-Top-Boxes

■ Multi Media Receivers



 




Numéro de pièce similaire - AK8126

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK8126A AKM-AK8126A Datasheet
214Kb / 8P
   EMI countermeasure for spread spectrum IC
AK8126B AKM-AK8126B Datasheet
213Kb / 8P
   EMI Countermeasure for Spread Spectrum IC
More results


Description similaire - AK8126

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com