Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LF18CDT-TR Fiches technique (PDF) - STMicroelectronics

LF18CDT-TR Datasheet PDF - STMicroelectronics
No de pièce LF18CDT-TR
Télécharger  LF18CDT-TR Télécharger

Taille du fichier   1016.35 Kbytes
Page   45 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Very low drop voltage regulators with inhibit

LF18CDT-TR Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
LF18CDT-TR Datasheet PDF - STMicroelectronics

No de pièce LF18CDT-TR
Télécharger  LF18CDT-TR Click to download

Taille du fichier   1016.35 Kbytes
Page   45 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Very low drop voltage regulators with inhibit

LF18CDT-TR Fiches technique (HTML) - STMicroelectronics

Back Button LF18CDT-TR Datasheet HTML 1Page - STMicroelectronics LF18CDT-TR Datasheet HTML 2Page - STMicroelectronics LF18CDT-TR Datasheet HTML 3Page - STMicroelectronics LF18CDT-TR Datasheet HTML 4Page - STMicroelectronics LF18CDT-TR Datasheet HTML 5Page - STMicroelectronics LF18CDT-TR Datasheet HTML 6Page - STMicroelectronics LF18CDT-TR Datasheet HTML 7Page - STMicroelectronics LF18CDT-TR Datasheet HTML 8Page - STMicroelectronics LF18CDT-TR Datasheet HTML 9Page - STMicroelectronics LF18CDT-TR Datasheet HTML 10Page - STMicroelectronics Next Button 

LF18CDT-TR Détails du produit

Description

The LFxxAB/LFxxC are very Low Drop regulators available in PENTAWATT, TO-220, TO-220FP, DPAK and PPAK package and in a wide range of output voltages.

The very low drop voltage (0.45 V) and the very low quiescent current make them particularly suitable for low noise, low power applications and specially in battery powered systems. In the 5 pins configuration (PENTAWATT and PPAK) a Shutdown Logic Control function is available (pin 2, TTL compatible). This means that when the device is used as a local regulator, it is possible to put a part of the board in standby, decreasing the total power consumption. In the three terminal configuration the device has the same electrical performance, but is fixed in the ON state.



Features

■ Very low dropout voltage (0.45V)

■ Very low quiescent current (typ. 50 µA in OFF mode, 500 µA in ON mode)

■ Output current up to 500 mA

■ Logic-controlled electronic shutdown

■ Output voltages of 1.5; 1.8; 2.5; 3.3; 4.7; 5; 6; 8; 8.5; 9; 12V

■ Automotive Grade product: 1.8V, 2.5V, 3.3V, 5.0V, 8.0V, 8.5V VOUT in DPAK and PPAK packages

■ Internal current and thermal limit

■ Only 2.2 µF for stability

■ Available in ± 1% (AB) or ± 2% (C) selection at 25°C

■ Supply voltage rejection: 80db (typ.)

■ Temperature range: -40 to 125 °C



 




Numéro de pièce similaire - LF18CDT-TR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LF18CDT-TR STMICROELECTRONICS-LF18CDT-TR Datasheet
598Kb / 46P
   Very low drop voltage regulators with inhibit
LF18CDT-TR STMICROELECTRONICS-LF18CDT-TR Datasheet
1Mb / 49P
   Very low drop voltage regulators with inhibit
LF18CDT-TRY STMICROELECTRONICS-LF18CDT-TRY Datasheet
1Mb / 49P
   Very low drop voltage regulators with inhibit
More results


Description similaire - LF18CDT-TR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
   Very low drop voltage regulators with inhibit
July 2008 Rev 12
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
   Very low drop voltage regulators with inhibit
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
January 2004
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
   Very low drop voltage regulators with inhibit
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
   Very low drop voltage regulators with inhibit
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
   Very low drop voltage regulators with inhibit
LD2981 STMICROELECTRONICS-LD2981 Datasheet
414Kb / 17P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LE00AB STMICROELECTRONICS-LE00AB Datasheet
207Kb / 27P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
More results




À propos de STMicroelectronics


Stmicroelectronics est un fabricant multinational d'électronique et de semi-conducteurs basé à Genève, en Suisse.

La société propose une large gamme de produits, notamment des microcontrôleurs, des capteurs, des amplificateurs de puissance et des circuits intégrés pour diverses applications sur les marchés automobiles, industriels et consommateurs.

Fondée en 1987, Stmicroelectronics a des opérations dans plus de 100 pays et est l'une des plus grandes sociétés de semi-conducteurs au monde.