Fabricant | No de pièce | Fiches technique | Description |
Hittite Microwave Corpo... |
HMC224MS8
|
154Kb / 4P |
GaAs MMIC T/R SWITCH 5 - 6 GHz
|
HMC223MS8
|
56Kb / 4P |
GaAS MMIC MSOP8 T/R SWITCH 4.5 - 6 GHz
|
Skyworks Solutions Inc. |
SKY13252-321
|
182Kb / 2P |
PHEMT GaAs IC Diversity Switch DC-6 GHz
|
Hittite Microwave Corpo... |
HMC393MS8G
|
234Kb / 6P |
GaAs MMIC DPDT DIVERSITY SWITCH, 5 - 6 GHz
|
HMC536LP2
|
163Kb / 4P |
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
|
Analog Devices |
HMC536LP2
|
240Kb / 4P |
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
|
Hittite Microwave Corpo... |
HMC536MS8G
|
204Kb / 6P |
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
|
Analog Devices |
HMC536MS8G
|
460Kb / 4P |
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
|
Skyworks Solutions Inc. |
AS230-348
|
241Kb / 3P |
GaAs SPDT IC 7 W T/R Switch DC -6 GHz
|
Hittite Microwave Corpo... |
HMC223MS8
|
116Kb / 4P |
GaAs MMIC T/R SWITCH 4.5 - 6.0 GHz
|