Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AV110-73 Fiches technique (PDF) - Skyworks Solutions Inc.

AV110-73 Datasheet PDF - Skyworks Solutions Inc.
No de pièce AV110-73_07
Télécharger  AV110-73 Télécharger

Taille du fichier   81.87 Kbytes
Page   4 Pages
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description GaAs IC 30 dB Voltage Variable Attenuator Single Positive 3 V Control 1.7-2.5 GHz

AV110-73 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
AV110-73 Datasheet PDF - Skyworks Solutions Inc.

No de pièce AV110-73_07
Télécharger  AV110-73 Click to download

Taille du fichier   81.87 Kbytes
Page   4 Pages
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description GaAs IC 30 dB Voltage Variable Attenuator Single Positive 3 V Control 1.7-2.5 GHz

AV110-73 Fiches technique (HTML) - Skyworks Solutions Inc.

AV110-73_07 Datasheet HTML 1Page - Skyworks Solutions Inc. AV110-73_07 Datasheet HTML 2Page - Skyworks Solutions Inc. AV110-73_07 Datasheet HTML 3Page - Skyworks Solutions Inc. AV110-73_07 Datasheet HTML 4Page - Skyworks Solutions Inc.

AV110-73 Détails du produit

Description
The AV110-73 GaAs IC FET voltage variable attenuator provides 33 dB attenuation range at 1900 MHz controlled by a single positive voltage. The VVA has a linear transfer curve of 12 dB/V slope, with input and output VSWR better than 2:1 over all states. It operates with supply voltage of 3 V and control voltage of 0 V to 3 V in a low-cost SOT-6 package. The RF ports require 25 pF DC blocking capacitors.
   
Features
● Single positive 3 V control voltage
● 33 dB attenuation range @ 1.9 GHz
● Excellent linearity performance
● Negative transfer slope
● Available lead (Pb)-free and RoHS-compliant MSL-1 @ 260 °C per JEDEC J-STD-020
   
Applications
● General-purpose telecommunication systems
   




Numéro de pièce similaire - AV110-73_07

FabricantNo de pièceFiches techniqueDescription
logo
Alpha Industries
AV110-73 ALPHA-AV110-73 Datasheet
36Kb / 2P
   GaAs IC 30 dB Voltage Variable Attenuator Single Positive 3 V Control 1.7-2.5 GHz
More results


Description similaire - AV110-73_07

FabricantNo de pièceFiches techniqueDescription
logo
Alpha Industries
AV110-73 ALPHA-AV110-73 Datasheet
36Kb / 2P
   GaAs IC 30 dB Voltage Variable Attenuator Single Positive 3 V Control 1.7-2.5 GHz
AV106-12 ALPHA-AV106-12 Datasheet
32Kb / 3P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.5-2.5 GHz
AV108-59 ALPHA-AV108-59 Datasheet
35Kb / 3P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.5-2.5 GHz
AV107-59 ALPHA-AV107-59 Datasheet
36Kb / 3P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.5-2.5 GHz
AV103-12 ALPHA-AV103-12 Datasheet
50Kb / 3P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
AV105-12 ALPHA-AV105-12 Datasheet
31Kb / 3P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
AV104-12 ALPHA-AV104-12 Datasheet
29Kb / 3P
   GaAs IC 25 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
logo
Skyworks Solutions Inc.
AV103-12 SKYWORKS-AV103-12 Datasheet
134Kb / 4P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
logo
Alpha Industries
AV109-73 ALPHA-AV109-73 Datasheet
36Kb / 2P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.8-1.0 GHz
logo
Skyworks Solutions Inc.
AV109-73 SKYWORKS-AV109-73_07 Datasheet
117Kb / 3P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.8-1 GHz
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com