Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX74005 Fiches technique (PDF) - Skyworks Solutions Inc.

CX74005 Datasheet PDF - Skyworks Solutions Inc.
No de pièce CX74005
Télécharger  CX74005 Télécharger

Taille du fichier   349.53 Kbytes
Page   14 Pages
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description VGA I/Q Demodulator Rx ASIC for Portable Phone Applications

CX74005 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
CX74005 Datasheet PDF - Skyworks Solutions Inc.

No de pièce CX74005
Télécharger  CX74005 Click to download

Taille du fichier   349.53 Kbytes
Page   14 Pages
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description VGA I/Q Demodulator Rx ASIC for Portable Phone Applications

CX74005 Fiches technique (HTML) - Skyworks Solutions Inc.

Back Button CX74005 Datasheet HTML 1Page - Skyworks Solutions Inc. CX74005 Datasheet HTML 2Page - Skyworks Solutions Inc. CX74005 Datasheet HTML 3Page - Skyworks Solutions Inc. CX74005 Datasheet HTML 4Page - Skyworks Solutions Inc. CX74005 Datasheet HTML 5Page - Skyworks Solutions Inc. CX74005 Datasheet HTML 6Page - Skyworks Solutions Inc. CX74005 Datasheet HTML 7Page - Skyworks Solutions Inc. CX74005 Datasheet HTML 8Page - Skyworks Solutions Inc. CX74005 Datasheet HTML 9Page - Skyworks Solutions Inc. CX74005 Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button 

CX74005 Détails du produit

VGA + I/Q Demodulator Rx ASIC for Portable Phone Applications

The CX74005 Application-Specific Integrated Circuit (ASIC) is a Variable Gain Amplifier (VGA) and I/Q demodulator, intended for use in Code Division Multiple Access (CDMA) portable phones in both cellular and Personal Communications System (PCS) bands. As a trimode IC, it can be used in CDMA mode or Advanced Mobile Phone System (AMPS) mode.
The device incorporates a VGA and the In-Phase and Quadrature (I/Q) demodulator stages. The intermediate frequencies (IF) are combined through separate buffers at the input of the VGA depending on the selected mode. The VGA has a gain control range greater than 90 dB.

Features
• Supports CDMA/AMPS/PCS1900 modes
• Three battery cell operation (2.7 V < VCC < 3.3 V).
• IF inputs and I/Q outputs
• On-chip 100 to 640 MHz oscillators
• Low power operation: <25 mA
• 32-pin Land Grid Array (LGA) 5 x 5 mm package

Applications
• Tri-mode handsets
• CDMA and AMPS modes in the cellular band:
   − AMPS
   − CDMA-US
   − CDMA-Japan
• CDMA mode in the PCS band:
   − PCS-US
   − PCS-Korea




Numéro de pièce similaire - CX74005

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
CX74001 SKYWORKS-CX74001 Datasheet
664Kb / 23P
   Rx ASIC for CDMA, AMPS, and PCS Applications
logo
List of Unclassifed Man...
CX74002 ETC-CX74002 Datasheet
204Kb / 2P
   Silicon Germanium CDMA Transmit/Dual PLL RFlC
More results


Description similaire - CX74005

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPC8190K NEC-UPC8190K Datasheet
58Kb / 5P
   RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
logo
California Eastern Labs
UPC8194K CEL-UPC8194K Datasheet
207Kb / 7P
   RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
UPC8190K CEL-UPC8190K Datasheet
203Kb / 6P
   RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
logo
NEC
UPC8194K NEC-UPC8194K Datasheet
61Kb / 6P
   RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
logo
Mini-Circuits
JCIQ-176D++ MINI-JCIQ-176D+ Datasheet
175Kb / 1P
   I&Q Demodulator
MIQA-21D MINI-MIQA-21D Datasheet
179Kb / 1P
   I&Q Demodulator
ZFMIQ-70D MINI-ZFMIQ-70D Datasheet
205Kb / 1P
   I&Q Demodulator
logo
Toshiba Semiconductor
TA1235FN TOSHIBA-TA1235FN Datasheet
410Kb / 12P
   I/Q DEMODULATOR FOR DIGITAL CATV
logo
Analog Devices
AD9278 AD-AD9278 Datasheet
910Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
AD9279 AD-AD9279 Datasheet
971Kb / 44P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
REV. 0
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com