Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PTVS5V0D1UCL Fiches technique (PDF) - Nexperia B.V. All rights reserved

PTVS5V0D1UCL Datasheet PDF - Nexperia B.V. All rights reserved
No de pièce PTVS5V0D1UCL
Télécharger  PTVS5V0D1UCL Télécharger

Taille du fichier   367.61 Kbytes
Page   10 Pages
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Transient Voltage Suppressor

PTVS5V0D1UCL Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
PTVS5V0D1UCL Datasheet PDF - Nexperia B.V. All rights reserved

No de pièce PTVS5V0D1UCL
Télécharger  PTVS5V0D1UCL Click to download

Taille du fichier   367.61 Kbytes
Page   10 Pages
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Transient Voltage Suppressor

PTVS5V0D1UCL Fiches technique (HTML) - Nexperia B.V. All rights reserved


PTVS5V0D1UCL Détails du produit

General description
Transient voltage supressor in a DFN1006-2 (SOD882P) ultra small and leadless SurfaceMounted Device (SMD) package designed to protect one line against high surge currents and other
transients.

Features and benefits
• Unidirectional protection of one line
• Reverse standoff voltage: VRWM = 5 V
• Surge current for 8/20 μs pulse: IPPM = 65 A (rated) / IPP = 73 A (average measured)
• Ultra low clamping voltage VCL = 7.5 V typ. at 65 A

Applications
• Portable electronics
• Power supply protection
• Power management




Numéro de pièce similaire - PTVS5V0D1UCL

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PTVS5V0P1UP PHILIPS-PTVS5V0P1UP Datasheet
121Kb / 12P
   600 W Transient Voltage Suppressor
Rev. 2-6 January 2011
logo
Nexperia B.V. All right...
PTVS5V0P1UP NEXPERIA-PTVS5V0P1UP Datasheet
682Kb / 12P
   600 W Transient Voltage Suppressor
Rev. 2 - 6 January 2011
PTVS5V0P1UP-Q NEXPERIA-PTVS5V0P1UP-Q Datasheet
223Kb / 11P
   600 W Transient Voltage Suppressor
13 June 2022
logo
NXP Semiconductors
PTVS5V0P1UTP NXP-PTVS5V0P1UTP Datasheet
137Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1-11 October 2011
PTVS5V0P1UTP NXP-PTVS5V0P1UTP Datasheet
137Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor Rev. 1 ??11 October 2011
Rev. 1-11 October 2011
More results


Description similaire - PTVS5V0D1UCL

FabricantNo de pièceFiches techniqueDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com