Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MURS480ET3G Fiches technique (PDF) - ON Semiconductor

MURS480ET3G Datasheet PDF - ON Semiconductor
No de pièce MURS480ET3G_V01
Télécharger  MURS480ET3G Télécharger
Taille du fichier   215.08 Kbytes
Page   5 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SWITCHMODE Power Rectifiers Ultrafast E Series with High Reverse Energy Capability

MURS480ET3G Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MURS480ET3G Datasheet PDF - ON Semiconductor

No de pièce MURS480ET3G_V01
Télécharger  MURS480ET3G Click to download

Taille du fichier   215.08 Kbytes
Page   5 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SWITCHMODE Power Rectifiers Ultrafast E Series with High Reverse Energy Capability

MURS480ET3G Fiches technique (HTML) - ON Semiconductor


MURS480ET3G Détails du produit

These state−of−the−art devices are designed for use in switching
power supplies, inverters and as free wheeling diodes.
Features
• 20 mJ Avalanche Energy Guaranteed
• Excellent Protection Against Voltage Transients in Switching
Inductive Load Circuits
• Ultrafast 75 Nanosecond Recovery Time
• 175°C Operating Junction Temperature
• Low Forward Voltage
• Low Leakage Current
• High Temperature Glass Passivated Junction
• Reverse Voltage to 800 V
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 217 mg (Approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
• Shipped in 16 mm Tape & Reel, 2500 Units per Reel
• Polarity: Polarity Band on Plastic Body Indicates Cathode Lead




Numéro de pièce similaire - MURS480ET3G_V01

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MURS480ET3G ONSEMI-MURS480ET3G Datasheet
71Kb / 4P
SWITCHMODE Power Rectifiers
July, 2007 - Rev. 1
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
SWITCHMODE Power Rectifiers
More results


Description similaire - MURS480ET3G_V01

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
U10C05 MOSPEC-U10C05 Datasheet
167Kb / 2P
Switchmode Dual Ultrafast Power Rectifiers
U10C30 MOSPEC-U10C30 Datasheet
191Kb / 2P
Switchmode Dual Ultrafast Power Rectifiers
U30C05 MOSPEC-U30C05 Datasheet
173Kb / 2P
Switchmode Dual Ultrafast Power Rectifiers
logo
ON Semiconductor
MUR2100E ONSEMI-MUR2100E Datasheet
51Kb / 6P
Ultrafast ?쏣??Series with High Reverse Energy Capability
July, 2004 ??Rev. 4
MSRD620CTRG ONSEMI-MSRD620CTRG Datasheet
130Kb / 5P
SWITCHMODE Soft Ultrafast Recovery Reverse Polarity Power Rectifier
January, 2012 ??Rev. 3
MUR2100ERLG ONSEMI-MUR2100ERLG Datasheet
66Kb / 5P
SWITCHMODE Power Rectifier Ultrafast ?쏣??Series with High Reverse Energy Capability
July, 2006 ??Rev. 6
logo
Kersemi Electronic Co.,...
MUR8100E KERSEMI-MUR8100E Datasheet
801Kb / 6P
Ultrafast ?쏣?쇺? Series with High Reverse Energy Capability
logo
New Jersey Semi-Conduct...
MURP20020CT NJSEMI-MURP20020CT Datasheet
89Kb / 2P
POWERTAP??II Ultrafast SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MSRD620CTRG ONSEMI-MSRD620CTRG_12 Datasheet
137Kb / 5P
SWITCHMODE Soft Ultrafast Recovery Reverse Polarity Power Rectifier
January, 2012 ??Rev. 3
logo
Mospec Semiconductor
URAF1030 MOSPEC-URAF1030 Datasheet
146Kb / 2P
Switchmode Full Plastic Ultrafast Power Rectifiers
URF1670 MOSPEC-URF1670 Datasheet
177Kb / 2P
Switchmode Dual Ultrafast Power Rectifiers
More results




À propos de ON Semiconductor


ON Semiconductor est une entreprise cotée en bourse qui conçoit, développe et fabrique une large gamme de produits semi-conducteurs pour une variété d'applications, notamment les marchés automobiles, informatiques, biens de consommation, industriels et communications.
La société a été fondée en 1999 et a son siège à Phoenix, en Arizona.
On Semiconductor offre un large portefeuille de gestion de l'énergie, des semi-conducteurs analogiques et discrets, notamment des MOSFET de puissance, des diodes, des redresseurs, des régulateurs de tension, entre autres.
Les produits de l'entreprise sont conçus pour être économes en énergie, fiables et rentables et sont utilisés dans une variété d'applications, notamment l'électronique portable, les systèmes d'automatisation industrielle, les systèmes d'énergie renouvelable et l'électronique automobile.
On Semiconductor s'engage dans l'innovation et la satisfaction des clients, et s'engage à fournir les meilleures solutions de semi-conducteurs pour répondre aux besoins de nos clients.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com