Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCZ33793AEF Fiches technique (PDF) - Freescale Semiconductor, Inc

MCZ33793AEF Datasheet PDF - Freescale Semiconductor, Inc
No de pièce MCZ33793AEF
Télécharger  MCZ33793AEF Télécharger

Taille du fichier   747.03 Kbytes
Page   27 Pages
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Distributed System Interface (DSI) Sensor Interface

MCZ33793AEF Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MCZ33793AEF Datasheet PDF - Freescale Semiconductor, Inc

No de pièce MCZ33793AEF
Télécharger  MCZ33793AEF Click to download

Taille du fichier   747.03 Kbytes
Page   27 Pages
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Distributed System Interface (DSI) Sensor Interface

MCZ33793AEF Fiches technique (HTML) - Freescale Semiconductor, Inc

Back Button MCZ33793AEF Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33793AEF Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33793AEF Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33793AEF Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33793AEF Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33793AEF Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33793AEF Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33793AEF Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33793AEF Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33793AEF Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button 

MCZ33793AEF Détails du produit

Distributed System Interface (DSI) Sensor Interface

The 33793 is a slave Distributed System Interface (DSI) device that is optimized as a sensor interface. The device contains circuits to power sensors such as accelerometers and to digitize the analog level from the sensor. The device is controlled by commands over the DSI bus and returns measured data over the bus.

Features
• Conforms to DSI Specification Version 1
• 4-Channel, 8-Bit Analog-to-Digital Converter (ADC)
• 4 Pins Configurable as Analog or Logic Inputs or as Logic Outputs
• Provides Regulated +5.0 V Output for Sensor Power from Bus
• Additional High-Drive Logic Output
• Undervoltage Fault Detection and Signaling
• On-Board Clock (No External Elements Required)
• Field-Programmable Address
• Default and Field-Programmable as a DSI Daisy Chain Device
• Recognizes Reverse Initialization for Open Bus Fault Tolerance
• Detects Short to Battery on Bus Switch and Prevents Its Closure
• Pb-Free Packaging Designated by Suffix Code EF




Numéro de pièce similaire - MCZ33793AEF

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MCZ33793AEF/R2 NXP-MCZ33793AEF/R2 Datasheet
1Mb / 27P
   Distributed System Interface (DSI) Sensor Interface
Rev 15.0, 2/2014
More results


Description similaire - MCZ33793AEF

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC33793 MOTOROLA-MC33793 Datasheet
640Kb / 24P
   Distributed System Interface (DSI) Sensor Interface
logo
NXP Semiconductors
MC33793 NXP-MC33793 Datasheet
1Mb / 27P
   Distributed System Interface (DSI) Sensor Interface
Rev 15.0, 2/2014
logo
Freescale Semiconductor...
33790 FREESCALE-33790_08 Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
33790 FREESCALE-33790 Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Motorola, Inc
MC33790 MOTOROLA-MC33790 Datasheet
233Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Freescale Semiconductor...
33793 FREESCALE-33793_10 Datasheet
882Kb / 27P
   Distributed System Interface
33784 FREESCALE-33784 Datasheet
1Mb / 30P
   DSI 2.02 Sensor Interface
33784 FREESCALE-33784_09 Datasheet
601Kb / 30P
   DSI 2.02 Sensor Interface
AN1816 FREESCALE-AN1816 Datasheet
2Mb / 24P
   USING THE HC912B32 TO IMPLEMENT THE DISTRIBUTED SYSTEMS INTERFACE (DSI) PROTOCOL
logo
Texas Instruments
TMS9901 TI-TMS9901 Datasheet
555Kb / 13P
[Old version datasheet]   programmable system interface
More results




À propos de Freescale Semiconductor, Inc


Freescale Semiconductor était une entreprise américaine de semi-conducteurs fondée en 1948.
La société était l'un des principaux fournisseurs de microcontrôleurs, de capteurs et d'autres produits semi-conducteurs pour diverses applications sur les marchés automobiles, industriels et de consommation.
Les produits de Freescale étaient connus pour leurs performances élevées, leur faible consommation d'énergie et leur petit facteur de forme.
La société a été acquise par NXP Semiconductors en 2015, et ses produits et technologies continuent d'être développés et vendus sous la marque NXP.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com