Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MH16V645BWJ-5 Fiches technique (PDF) - Mitsubishi Electric Semiconductor

MH16V645BWJ-5 Datasheet PDF - Mitsubishi Electric Semiconductor
No de pièce MH16V645BWJ-5
Télécharger  MH16V645BWJ-5 Télécharger

Taille du fichier   127.86 Kbytes
Page   22 Pages
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description HYPER PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM

MH16V645BWJ-5 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MH16V645BWJ-5 Datasheet PDF - Mitsubishi Electric Semiconductor

No de pièce MH16V645BWJ-5
Télécharger  MH16V645BWJ-5 Click to download

Taille du fichier   127.86 Kbytes
Page   22 Pages
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description HYPER PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM

MH16V645BWJ-5 Fiches technique (HTML) - Mitsubishi Electric Semiconductor

Back Button MH16V645BWJ-5 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH16V645BWJ-5 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH16V645BWJ-5 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH16V645BWJ-5 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH16V645BWJ-5 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH16V645BWJ-5 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH16V645BWJ-5 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH16V645BWJ-5 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH16V645BWJ-5 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MH16V645BWJ-5 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button 

MH16V645BWJ-5 Détails du produit

DESCRIPTION
The MH16V645BWJ is 16777216-word x 64-bit dynamic ram module. This consist of sixteen industry standard 16M x 4 dynamic RAMs in SOJ and one industry standard EEPROM in TSSOP.
The mounting of SOJs and TSSOP on a card edge dual in-line package provides any application where high densities and large of quantities memory are required.
This is a socket-type memory module ,suitable for easy interchange or addition of module.

FEATURES
• Utilizes industry standard 16M x 4 RAMs in SOJ and industry
• standard EEPROM in TSSOP
• 168-pin (84-pin dual dual in-line package)
• Single +3.3V(±0.3V) supply operation
• Low stand-by power dissipation
    28.8mW(Max) . . . . . . . . . . . . . . . . . . . LVCMOS input level
• Low operation power dissipation
    MH16V645BWJ -5 . . . . . . . . . . . . . . . . . . 5.76W(Max)
    MH16V645BWJ -6 . . . . . . . . . . . . . . . . . . 5.19W(Max)
• All input are directly LVTTL compatible
• All output are three-state and directly LVTTL compatible
• Includes(0.22uF x 16) decoupling capacitors
• 4096 refresh cycle every 64ms
• Hyper-page mode,Read-modify-write, /CAS before /RAS refresh,Hidden refresh capabilities
• Gold plating contact pads

APPLICATION
   Main memory unit for computers , Microcomputer memory




Numéro de pièce similaire - MH16V645BWJ-5

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
MH16V6445BWJ-5 MITSUBISHI-MH16V6445BWJ-5 Datasheet
127Kb / 22P
   HYPER PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V6445BWJ-6 MITSUBISHI-MH16V6445BWJ-6 Datasheet
127Kb / 22P
   HYPER PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V644AWJ-5 MITSUBISHI-MH16V644AWJ-5 Datasheet
186Kb / 20P
   FAST PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V644AWJ-6 MITSUBISHI-MH16V644AWJ-6 Datasheet
186Kb / 20P
   FAST PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V64AWJ-5 MITSUBISHI-MH16V64AWJ-5 Datasheet
186Kb / 20P
   FAST PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
More results


Description similaire - MH16V645BWJ-5

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
MH16V6445BWJ-5 MITSUBISHI-MH16V6445BWJ-5 Datasheet
127Kb / 22P
   HYPER PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V64AWJ-5 MITSUBISHI-MH16V64AWJ-5 Datasheet
186Kb / 20P
   FAST PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V644AWJ-5 MITSUBISHI-MH16V644AWJ-5 Datasheet
186Kb / 20P
   FAST PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V725BATJ-5 MITSUBISHI-MH16V725BATJ-5 Datasheet
149Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V725BWJ-5 MITSUBISHI-MH16V725BWJ-5 Datasheet
129Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V7245BWJ-5 MITSUBISHI-MH16V7245BWJ-5 Datasheet
129Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V7245BATJ-5 MITSUBISHI-MH16V7245BATJ-5 Datasheet
152Kb / 23P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16S64BAMD-7 MITSUBISHI-MH16S64BAMD-7 Datasheet
591Kb / 55P
   1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
MH16S64AMA-8 MITSUBISHI-MH16S64AMA-8 Datasheet
1Mb / 52P
   1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
MH4V6445BXJJ-5 MITSUBISHI-MH4V6445BXJJ-5 Datasheet
152Kb / 26P
   HYPER PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com