1.2 Features
Embedded single core 32-bit RISC CPU for better system level management between subsystems
Supports single antenna for Bluetooth and WLAN
Self calibration
Single crystal for GPS, BT and WLAN
Integrated switching regulator enables direct connection to battery
Best-in-class current consumption performance
OS support: Android and Windows Mobile
Intelligent BT/WLAN coexistence scheme that goes beyond PTA signaling (for example, transmit
window and duration that take into account of protocol exchange sequence, frequency, etc.)
Single antenna support for WLAN/Bluetooth/GPS
WLCSP (3.99x4.45mm2) package
WLAN
Single-band (2.4GHz) single stream 802.11 b/g/n MAC/BB/RF
802.11 d/h/k compliant
Security: WFA WPA/WPA2 personal, WPS2.0, WAPI (Hardware)
QoS: WFA WMM, WMM PS
Supports 802.11n optional features: STBC, A-MPDU, Blk-Ack, RIFS, MCS Feedback, 20/40MHz
coexistence (PCO), unscheduled PSMP
Supports 802.11w Protected Managed Frames
Supports WiFi Direct (WFA P-2-P standard) and Wi-Fi Miracast (Wi-Fi Display)
Supports HotSpot 2.0 Passpoint
Interface: SDIO 2.0 (4-bit & 1-bit, up to 50MHz), SPI (48Mbps)
Integrated PA with max 21dBm output power
Typical -77.5 dBm 2.4GHz receiver sensitivity at 11g 54Mbps mode
Per packet TX power control
Bluetooth
Bluetooth specification v2.1+EDR
Bluetooth specification 3.0+HS compliance
Bluetooth v4.0 Low Energy (LE)
Integrated PA with 10dBm (class 1) transmit power and Balun
Rx sensitivity: GFSK -95dBm, DQPSK -94dBm, 8-DPSK -88dBm
HCI over high speed (4Mbps) UART(H4), and SDIO 2.0
Best-in-class BT/Wi-Fi coexistence performance
Up to 4 piconets simultaneously with background inquiry/page scan
Supports Scatternet
Packet loss concealment (PLC) function for better voice quality
Low-power scan function to reduce the power consumption in scan modes
GPS
Supports GPS/QZSS/SBAS (WAAS/MSAS/EGNOS/GAGAN)
Best-in-class sensitivity performance
– -165 dBm tracking sensitivity
– -163 dBm hot start sensitivity
– -148 dBm cold start sensitivity
– -151 dBm warm start sensitivity
Full A-GPS capability (E911/SUPL/EPO/HotStill)
Active interference cancellation for up to 8 in-band tones
Low-power operational modes for mobile phone and DSC applications
Supports XTAL
5Hz update rate
FM
76-108MHz with 50kHz step
Supports RDS/RBDS
Digital stereo modulator/demodulator
Digital audio interface (I2S)
Fast seek time 30ms/channel
Stereo noise reduction
Audio sensitivity 2dBμVemf ((S+N)/N=26dB)
Audio S/N 60dB
Anti-jamming
Integrated short antenna
1.3 Applications
Smart phone applications
Media Tablet applications
Mobile Internet Device (MID) applications
Portable Navigation Device (PND) applications
Portable Media Player (PMP) applications
Portable gaming devices
|