Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM339DG4 Fiches technique (PDF) - Texas Instruments

Click here to check the latest version.
LM339DG4 Datasheet PDF - Texas Instruments
No de pièce LM339DG4
Télécharger  LM339DG4 Télécharger

Taille du fichier   2260.99 Kbytes
Page   51 Pages
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments
Description LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators

LM339DG4 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
LM339DG4 Datasheet PDF - Texas Instruments

No de pièce LM339DG4
Télécharger  LM339DG4 Click to download

Taille du fichier   2260.99 Kbytes
Page   51 Pages
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments
Description LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators

LM339DG4 Fiches technique (HTML) - Texas Instruments

Back Button LM339DG4 Datasheet HTML 1Page - Texas Instruments LM339DG4 Datasheet HTML 2Page - Texas Instruments LM339DG4 Datasheet HTML 3Page - Texas Instruments LM339DG4 Datasheet HTML 4Page - Texas Instruments LM339DG4 Datasheet HTML 5Page - Texas Instruments LM339DG4 Datasheet HTML 6Page - Texas Instruments LM339DG4 Datasheet HTML 7Page - Texas Instruments LM339DG4 Datasheet HTML 8Page - Texas Instruments LM339DG4 Datasheet HTML 9Page - Texas Instruments LM339DG4 Datasheet HTML 10Page - Texas Instruments Next Button 

LM339DG4 Détails du produit

1 Features
• NEW LM339B and LM2901B
• Improved specifications of B-version
– Maximum rating: up to 38 V
– ESD rating (HBM): 2k V
– Low input offset: 0.37 mV
– Low input bias current: 3.5 nA
– Low supply-current: 200 μA per comparator
– Faster response time of 1 μsec
– Extended temperature range for LM339B
• B-version is drop-in replacement for LM239,
LM339 and LM2901, A and V versions
• Common-mode input voltage range includes
ground
• Differential input voltage range equal to maximumrated
supply voltage: ±38 V
• Low output saturation voltage
• Output compatible with TTL, MOS, and CMOS
• For single version, see the TL331B
• For dual version, see the LM393B or LM2903B

2 Applications
• Vacuum robot
• Single phase UPS
• Server PSU
• Cordless power tool
• Wireless infrastructure
• Applicances
• Building automation
• Factory automation & control
• Motor drives
• Infotainment & cluster

3 Description
The LM339B and LM2901B devices are the
next generation versions of the industry-standard
LM339 and LM2901 comparator family. These next
generation B-version comparators feature lower offset
voltage, higher supply voltage capability, lower supply
current, lower input bias current, lower propagation
delay, and improved 2 kV ESD performance and
input ruggedness through dedicated ESD clamps.
The LM339B and LM2901B can drop-in replace the
LM239, LM339 and LM2901, for both "A" and "V"
grades.
All devices consist of four independent voltage
comparators that are designed to operate from a
single power supply over a wide range of voltages.




Numéro de pièce similaire - LM339DG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM339DG4 TI-LM339DG4 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM339DG4 TI-LM339DG4 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM339DG4 TI1-LM339DG4 Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM339DG4 TI-LM339DG4 Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM339DG4 TI1-LM339DG4 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
More results


Description similaire - LM339DG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM139 TI1-LM139_V03 Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM139 TI-LM139_V01 Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM139 TI-LM139_V02 Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM139-N TI1-LM139-N Datasheet
500Kb / 21P
[Old version datasheet]   LM139/LM239/LM339/LM2901/LM3302 Low Power Low Offset Voltage Quad Comparators
LM139-N TI1-LM139-N_14 Datasheet
1Mb / 31P
[Old version datasheet]   LM139/LM239/LM339/LM2901/LM3302 Low Power Low Offset Voltage Quad Comparators
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results




À propos de Texas Instruments


Texas Instruments (TI) est une entreprise cotée en bourse qui conçoit et fabrique des produits semi-conducteurs et de technologie informatique.

Il a été fondé en 1930 et a son siège à Dallas, au Texas.

TI est un leader mondial de la production de circuits intégrés de traitement du signal analogique et numérique (DSP), ainsi que des processeurs intégrés et d'autres produits de microcontrôleur.

L'entreprise sert des clients dans une variété d'industries, notamment l'automobile, les communications, l'informatique, l'électronique industrielle et grand public.

Le portefeuille de produits de TI comprend des convertisseurs de données, des amplificateurs et des comparateurs, des circuits intégrés de gestion de l'alimentation, des microcontrôleurs, des capteurs et des solutions de connectivité sans fil, entre autres.

TI est attaché à l'innovation et à la satisfaction des clients, et a une longue histoire de livraison de produits fiables de haute qualité à ses clients.

En mettant l'accent sur la durabilité et l'efficacité énergétique, TI se consacre à avoir un impact positif sur le monde grâce à sa technologie et à ses produits.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com