Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

833-074-555-203 Fiches technique (PDF) - EDAC, All Rights Reserved.

833-074-555-203 Datasheet PDF - EDAC, All Rights Reserved.
No de pièce 833-074-555-203
Télécharger  833-074-555-203 Télécharger

Taille du fichier   163.08 Kbytes
Page   3 Pages
Fabricant  EDAC [EDAC, All Rights Reserved.]
Site Internet  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 833 Series,High Temp Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | High Profile Insulator | Deep Card Slot

833-074-555-203 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
833-074-555-203 Datasheet PDF - EDAC, All Rights Reserved.

No de pièce 833-074-555-203
Télécharger  833-074-555-203 Click to download

Taille du fichier   163.08 Kbytes
Page   3 Pages
Fabricant  EDAC [EDAC, All Rights Reserved.]
Site Internet  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 833 Series,High Temp Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | High Profile Insulator | Deep Card Slot

833-074-555-203 Fiches technique (HTML) - EDAC, All Rights Reserved.

833-074-555-203 Datasheet HTML 1Page - EDAC, All Rights Reserved. 833-074-555-203 Datasheet HTML 2Page - EDAC, All Rights Reserved. 833-074-555-203 Datasheet HTML 3Page - EDAC, All Rights Reserved.

833-074-555-203 Détails du produit

Features

  • 0.156" (3.96mm) Contact Spacing by 0.200" (5.08mm) Row Spacing
  • Accepts .062" (1.57mm) Nominal Thickness P.C. Board
  • High Profile Insulator Body, .600" (15.24mm)
  • Card Slot Depth of .388" (9.86mm)
  • Contact Termination Options include P.C. Tail, Wire Hole, Wire Wrap, 90 and Extender Board Bends
  • Single or Dual Row Configurations
  • Large Variety of Mounting Options, Flush or Offset Lugs
  • Accepts between Contact and In-Contact Polarizing Keys
  • RoHS Compliant




Numéro de pièce similaire - 833-074-555-203

FabricantNo de pièceFiches techniqueDescription
logo
EDAC, All Rights Reserv...
833-074-555-203 EDAC-833-074-555-203 Datasheet
269Kb / 3P
   833 Series High Temp Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | High Profile Insulator | Deep Card Slot
More results





Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com