Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC12181D Fiches technique (PDF) - Motorola, Inc

MC12181D Datasheet PDF - Motorola, Inc
No de pièce MC12181D
Télécharger  MC12181D Télécharger

Taille du fichier   114.17 Kbytes
Page   9 Pages
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 125 - 1000 MHZ FREQUENCY SYNTHESIZER

MC12181D Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MC12181D Datasheet PDF - Motorola, Inc

No de pièce MC12181D
Télécharger  MC12181D Click to download

Taille du fichier   114.17 Kbytes
Page   9 Pages
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 125 - 1000 MHZ FREQUENCY SYNTHESIZER

MC12181D Fiches technique (HTML) - Motorola, Inc

MC12181D Datasheet HTML 1Page - Motorola, Inc MC12181D Datasheet HTML 2Page - Motorola, Inc MC12181D Datasheet HTML 3Page - Motorola, Inc MC12181D Datasheet HTML 4Page - Motorola, Inc MC12181D Datasheet HTML 5Page - Motorola, Inc MC12181D Datasheet HTML 6Page - Motorola, Inc MC12181D Datasheet HTML 7Page - Motorola, Inc MC12181D Datasheet HTML 8Page - Motorola, Inc MC12181D Datasheet HTML 9Page - Motorola, Inc

MC12181D Détails du produit

125 – 1000 MHz Frequency Synthesizer

The MC12181 is a monolithic bipolar synthesizer integrating a high performance prescaler, programmable divider, phase/frequency detector, charge pump, and reference oscillator/buffer functions. The device is capable of synthesizing a signal which is 25 to 40 times the input reference signal. The device has a 4–bit parallel interface to set the proper total multiplication which can range from 25 to 40. When combined with an external passive loop filter and VCO, the MC12181 serves as a complete PLL subsystem.

• 2.7 to 5.5 V Operation
• Low power supply current of 4.25 mA typical
• On chip reference oscillator/buffer supporting wide frequency operating range from 5 to 25 MHz
• 4–bit parallel interface for programming divider (N = 25 .... 40)
• Wide 125 – 1000 MHz frequency of operation
• Digital phase/frequency detector with linear transfer function
• Balanced Charge Pump Output
• Space efficient 16 lead SOIC package
• Operating Temperature Range of –40 to 85°C
• > 1000 V ESD Protection (I/O to Ground, I/O to VCC)




Numéro de pièce similaire - MC12181D

FabricantNo de pièceFiches techniqueDescription
logo
RCD COMPONENTS INC.
MC1210 RCD-MC1210 Datasheet
69Kb / 1P
   THICK FILM CHIP RESISTORS AND JUMPERS
logo
Motorola, Inc
MC12100 MOTOROLA-MC12100 Datasheet
122Kb / 7P
   200 MHz VOLTAGE CONTROLLED MULTIVIBRATOR
MC12100P MOTOROLA-MC12100P Datasheet
122Kb / 7P
   200 MHz VOLTAGE CONTROLLED MULTIVIBRATOR
MC12101 MOTOROLA-MC12101 Datasheet
150Kb / 7P
   130 MHz VOLTAGE CONTROLLED MULTIVIBRATOR
logo
List of Unclassifed Man...
MC1210N ETC-MC1210N Datasheet
124Kb / 2P
   LSI CMOS
More results


Description similaire - MC12181D

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD809 AD-AD809 Datasheet
282Kb / 8P
   155.52 MHz Frequency Synthesizer
REV. A
logo
Micrel Semiconductor
SM802120 MICREL-SM802120 Datasheet
330Kb / 12P
   ClockWorksTM 125MHz LVDS / 125 MHz HCSL Ultra-Low Jitter Frequency Synthesizer
logo
Analog Devices
AD9850BRSZ AD-AD9850BRSZ Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850 AD-AD9850_15 Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850 AD-AD9850 Datasheet
378Kb / 19P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. E
logo
Tyco Electronics
MAVC-060103-132600 MACOM-MAVC-060103-132600 Datasheet
197Kb / 3P
   Synthesizer , SMT 2496 - 2700 MHz, 1000 kHz
MAVC-060103-132100 MACOM-MAVC-060103-132100 Datasheet
197Kb / 3P
   Synthesizer , SMT 2055 - 2265 MHz, 1000 kHz
logo
SYNERGY MICROWAVE CORPO...
BLK-711N SYNERGY-BLK-711N Datasheet
31Kb / 1P
   FREQUENCY RANGE: 1 - 1000 MHz
logo
Tyco Electronics
MAVC-060000-100144 MACOM-MAVC-060000-100144 Datasheet
197Kb / 3P
   Synthesizer , SMT Fixed Frequency, 144 MHz
More results




À propos de Motorola, Inc


Motorola, Inc. était une société américaine de télécommunications multinationales fondée en 1928. Elle était basée à Schaumburg, Illinois et était l'un des plus grands fournisseurs de téléphones portables, d'équipement de télécommunication et de semi-conducteurs. Tout au long de son histoire, Motorola était connue pour son innovation dans le domaine des télécommunications, notamment le développement du premier téléphone cellulaire disponible dans le monde, le Dynatac, et le premier pager à double sens au monde, le Pageboy.

En 2011, Motorola s'est divisée en deux sociétés distinctes: Motorola Mobility et Motorola Solutions. Motorola Mobility a ensuite été acquise par Google en 2012 et est maintenant une filiale de Lenovo. Motorola Solutions se concentre sur les solutions de sécurité publique et de communication commerciale et industrielle. La société propose une large gamme de produits, notamment des radios bidirectionnelles, des appareils informatiques mobiles et des équipements d'infrastructure réseau.

Motorola était l'un des pionniers de l'industrie du téléphone portable et a une riche histoire d'innovation et de progrès technologiques. L'héritage de l'entreprise se poursuit par le biais de ses filiales et sa technologie et ses produits continuent d'être utilisés dans le monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com