Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVC4T774GU-Q100 Fiches technique (PDF) - Nexperia B.V. All rights reserved

74AVC4T774GU-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
No de pièce 74AVC4T774GU-Q100
Télécharger  74AVC4T774GU-Q100 Télécharger
Taille du fichier   318.56 Kbytes
Page   23 Pages
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 4-bit dual supply translating transceiver; 3-state

74AVC4T774GU-Q100 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
74AVC4T774GU-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

No de pièce 74AVC4T774GU-Q100
Télécharger  74AVC4T774GU-Q100 Click to download

Taille du fichier   318.56 Kbytes
Page   23 Pages
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 4-bit dual supply translating transceiver; 3-state

74AVC4T774GU-Q100 Fiches technique (HTML) - Nexperia B.V. All rights reserved


74AVC4T774GU-Q100 Détails du produit

1. General description
The 74AVC4T774-Q100 is a 4-bit, dual supply transceiver that enables bidirectional level
translation. It features eight 1-bit input-output ports (An and Bn), four direction control inputs (DIR1,
DIR2, DIR3 and DIR4), an output enable input (OE) and dual supply pins (VCC(A) and VCC(B)).
Both VCC(A) and VCC(B) can be supplied at any voltage between 0.8 V and 3.6 V making the device
suitable for translating between any of the low voltage nodes (0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V
and 3.3 V). Pins An, OE and DIRn are referenced to VCC(A) and pins Bn are referenced to VCC(B).
A HIGH on DIRn allows transmission from An to Bn and a LOW on DIRn allows transmission
from Bn to An. The output enable input (OE) can be used to disable the outputs so the buses are
effectively isolated.
The device is fully specified for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing any damaging backflow current through the device when it is
powered down. In suspend mode when either VCC(A) or VCC(B) are at GND level, both An and Bn
are in the high-impedance OFF-state.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100
(Grade 1) and is suitable for use in automotive applications.

2. Features and benefits
• Automotive product qualification in accordance with AEC-Q100 (Grade 1)
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
• Wide supply voltage range:
• VCC(A): 0.8 V to 3.6 V
• VCC(B): 0.8 V to 3.6 V
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM: ANSI/ESDA/Jedec JS-001 Class 3B exceeds 8000 V
• CDM: ANSI/ESDA/Jedec JS-002 Class C3 exceeds 1500 V
• Maximum data rates:
• 380 Mbit/s (≥ 1.8 V to 3.3 V translation)
• 200 Mbit/s (≥ 1.1 V to 3.3 V translation)
• 200 Mbit/s (≥ 1.1 V to 2.5 V translation)
• 200 Mbit/s (≥ 1.1 V to 1.8 V translation)
• 150 Mbit/s (≥ 1.1 V to 1.5 V translation)
• 100 Mbit/s (≥ 1.1 V to 1.2 V translation)
• Suspend mode
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Inputs accept voltages up to 3.6 V
• IOFF circuitry provides partial Power-down mode operation




Numéro de pièce similaire - 74AVC4T774GU-Q100

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVC4T774GU NEXPERIA-74AVC4T774GU Datasheet
281Kb / 26P
4-bit dual supply translating transceiver 3-state
More results


Description similaire - 74AVC4T774GU-Q100

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
16-bit dual supply translating transceiver 3-state
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
8-bit dual supply translating transceiver; 3-state
74AVC4T774 NEXPERIA-74AVC4T774 Datasheet
281Kb / 26P
4-bit dual supply translating transceiver 3-state
74AVC4T774PW NEXPERIA-74AVC4T774PW Datasheet
263Kb / 24P
4-bit dual supply translating transceiver 3-state
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
8-bit dual supply translating transceiver; 3-state
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
74AXP4T245 NEXPERIA-74AXP4T245 Datasheet
326Kb / 27P
4-bit dual supply translating transceiver; 3-state
Rev. 2 - 6 February 2020
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com