Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC805K3 Fiches technique (PDF) - NXP Semiconductors

68HC805K3 Datasheet PDF - NXP Semiconductors
No de pièce 68HC805K3
Télécharger  68HC805K3 Télécharger

Taille du fichier   1249.26 Kbytes
Page   119 Pages
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.

68HC805K3 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
68HC805K3 Datasheet PDF - NXP Semiconductors

No de pièce 68HC805K3
Télécharger  68HC805K3 Click to download

Taille du fichier   1249.26 Kbytes
Page   119 Pages
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.

68HC805K3 Fiches technique (HTML) - NXP Semiconductors

Back Button 68HC805K3 Datasheet HTML 1Page - NXP Semiconductors 68HC805K3 Datasheet HTML 2Page - NXP Semiconductors 68HC805K3 Datasheet HTML 3Page - NXP Semiconductors 68HC805K3 Datasheet HTML 4Page - NXP Semiconductors 68HC805K3 Datasheet HTML 5Page - NXP Semiconductors 68HC805K3 Datasheet HTML 6Page - NXP Semiconductors 68HC805K3 Datasheet HTML 7Page - NXP Semiconductors 68HC805K3 Datasheet HTML 8Page - NXP Semiconductors 68HC805K3 Datasheet HTML 9Page - NXP Semiconductors 68HC805K3 Datasheet HTML 10Page - NXP Semiconductors Next Button 

68HC805K3 Détails du produit

Features
• Low-Cost HC05 Core
• 16-Pin PDIP or SOIC Package
• 928 Bytes of User EEPROM (Including Eight Bytes of User
Vectors)
• 64 Bytes of User RAM
• 128 Bits of Personality EEPROM (Not Memory Mapped)
Programmed using User Software or during User EEPROM
Programming
• On-Chip Charge Pump for In-Circuit Programming of the
Personality EEPROM at 3.0 to 5.5 Vdc.
• 8-Bit Free-Running Timer
• 4-Stage Selectable Real-Time Interrupt Generator
• 10 Bidirectional Input/Output (I/O) Lines Including:
– 8 mA Sink Capability on Four I/O Pins (PA7–PA4)
– Mask Option Register Bit for Software Programmable
Pulldowns on All I/O Pins
– Mask Option Register Bit for Port Interrupts on Four I/O Pins
(PA3–PA0) (Keyboard Scan Feature)
• IRQ Interrupt Hardware Mask, Flag Bit, and Request Bit
• Mask Option Register Bit for Sensitivity on IRQ Interrupt (Edgeand
Level-Sensitive or Edge-Sensitive Only)
• On-Chip Oscillator (Mask Option Register Bits for Crystal/Ceramic
Resonator Oscillator with Internal 2 MW Resistor, and 2-Pin or 3-
Pin Resistor Capacitor (RC) Oscillator)
• Mask Option Register Bit for Reduced Startup Delay Time with RC
Oscillator Options
• Mask Option Register Bit for Computer Operating Properly (COP)
Watchdog System
• Power-Saving Stop and Wait Mode Instructions
• Mask Option Register Bit to Convert STOP Instruction to Halt
Mode
• Illegal Address Reset
• Internal Steering Diode and Pullup Resistor on RESET Pin to VDD
• Internal RESET Pin Pulldown from COP Watchdog and ILADR




Numéro de pièce similaire - 68HC805K3

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
68HC805K3 FREESCALE-68HC805K3 Datasheet
2Mb / 119P
   General Release Specification
More results


Description similaire - 68HC805K3

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MC68HC05BD3 NXP-MC68HC05BD3 Datasheet
1Mb / 112P
   The MC68HC05BD3 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.
MC68HC05BS8 NXP-MC68HC05BS8 Datasheet
1Mb / 128P
   The MC68HC05BS8 HCMOS microcontroller is a member of the MC68HC05 Family of low-cost single-chip microcontrollers.
MC68HC05T16 NXP-MC68HC05T16 Datasheet
1Mb / 128P
   The MC68HC05T16 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.
MC68HC908JL8SM NXP-MC68HC908JL8SM Datasheet
826Kb / 56P
   The MC68HC908JL8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units
3/2003
MC68HC908QY4SM NXP-MC68HC908QY4SM Datasheet
1Mb / 52P
   The MC68HC908QY4 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units
Rev. 0.1, 12/2002
68HC908MR24 NXP-68HC908MR24 Datasheet
3Mb / 418P
   The MC68HC908MR24 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
Rev. 1.0
68HC05J5A NXP-68HC05J5A Datasheet
2Mb / 106P
   The MC68HC05J5A is a member of the low-cost high-performance M68HC05 Family of 8-bit microcontroller units (MCUs).
July 16, 1999 REV 2.1
68HC05PD6 NXP-68HC05PD6 Datasheet
1Mb / 165P
   The MC68HC05PD6 is a member of the MC68HC05 family of HCMOS Microcontroller Units (MCUs).
July 7, 1997 REV 1.1
logo
Freescale Semiconductor...
MC68HC705J2 FREESCALE-MC68HC705J2 Datasheet
2Mb / 82P
   member of the low-cost
logo
NXP Semiconductors
68HC05JB3 NXP-68HC05JB3 Datasheet
1Mb / 134P
   The MC68HC05JB3 is a member of the low-cost, high-performance M68HC05 Family of 8-bit microcontroller units (MCUs).
REV 1 November 5, 1998
More results




À propos de NXP Semiconductors


NXP Semiconductors est une société multinationale cotée en bourse qui conçoit, développe et fabrique un large éventail de semi-conducteurs et de circuits intégrés pour diverses applications, y compris les marchés automobiles, industriels, de communications et de consommation.

La société a été fondée en 2006 et a son siège à Eindhoven, aux Pays-Bas.

NXP propose un large portefeuille de produits, notamment des microcontrôleurs, des microprocesseurs, des circuits intégrés d'authentification sécurisés, des ICS de gestion de l'alimentation, des composants RF et des micro-ondes et des solutions de capteurs, entre autres.

Les produits de l'entreprise sont conçus pour être économes en énergie, sécurisés et fiables, et sont utilisés dans une variété d'applications, y compris les systèmes automobiles, l'automatisation et le contrôle industriels, les maisons et les bâtiments intelligents et les appareils connectés.

NXP est dédié à l'innovation et à la satisfaction des clients, et s'engage à fournir à ses clients les meilleures solutions semi-conductrices pour répondre à leurs besoins.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com