Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

K78X2-500 Fiches technique (PDF) - Guangzhou Reicu Electronic Technology Co., Ltd

K78X2-500 Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd
No de pièce K78X2-500
Télécharger  K78X2-500 Télécharger

Taille du fichier   281.43 Kbytes
Page   1 Pages
Fabricant  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Site Internet  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description Regulated Single Output SIP-Package

K78X2-500 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
K78X2-500 Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd

No de pièce K78X2-500
Télécharger  K78X2-500 Click to download

Taille du fichier   281.43 Kbytes
Page   1 Pages
Fabricant  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Site Internet  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description Regulated Single Output SIP-Package

K78X2-500 Fiches technique (HTML) - Guangzhou Reicu Electronic Technology Co., Ltd

K78X2-500 Datasheet HTML 1Page - Guangzhou Reicu Electronic Technology Co., Ltd

K78X2-500 Détails du produit

Features
Efficiency up to 95%
I/O non-isolation
Wide temperature performance: -40℃ to 85℃
No heat sink required
Optimized version(Suffix“R2”,optional)
Short circuit protection
Single regulated output
Pin-out compatible with LM78 linears




Numéro de pièce similaire - K78X2-500

FabricantNo de pièceFiches techniqueDescription
logo
Crystek Corporation
K78X2-1000 CRYSTEKCRYSTAL-K78X2-1000 Datasheet
327Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
logo
MORNSUN Science& Techno...
K78X2-1000 MORNSUN-K78X2-1000 Datasheet
626Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED
K78X2-1500 MORNSUN-K78X2-1500 Datasheet
345Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
logo
Guangzhou Reicu Electro...
K78X2-1500 REICU-K78X2-1500 Datasheet
1Mb / 1P
   Rogulstad Sngle Ouiput 3P-Package
REV:13.2
K78X2-1500L REICU-K78X2-1500L Datasheet
1Mb / 1P
   Rogulstad Sngle Ouiput 3P-Package
REV:13.2
More results


Description similaire - K78X2-500

FabricantNo de pièceFiches techniqueDescription
logo
Guangzhou Reicu Electro...
K78X2M-1000 REICU-K78X2M-1000 Datasheet
231Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K7803-1000 REICU-K7803-1000 Datasheet
182Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K78X2-2000 REICU-K78X2-2000 Datasheet
72Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
logo
GAPTEC Electronic GmbH ...
2S7A-1RP GAPTEC-2S7A-1RP Datasheet
811Kb / 3P
   2W Single Output - Fixed Input - Isolated & Regulated SIP PACKAGE
1S7A-R GAPTEC-1S7A-R Datasheet
604Kb / 3P
   1W Single Output - Fixed Input - Isolated & Regulated SIP PACKAGE
1S7BE GAPTEC-1S7BE Datasheet
971Kb / 4P
   1W Single Output - Fixed Input - Isolated & Regulated SIP PACKAGE
2S7W GAPTEC-2S7W Datasheet
1Mb / 3P
   2W - Single/Dual Output - Wide Input - Isolated & Regulated SIP Package
1S7WA GAPTEC-1S7WA Datasheet
529Kb / 2P
   1W - Single/Dual Output - Wide Input - Isolated & Regulated SIP Package
1S7WB GAPTEC-1S7WB Datasheet
530Kb / 2P
   1W - Single/Dual Output - Wide Input - Isolated & Regulated SIP Package
logo
MORNSUN Science& Techno...
WFB2412CS-2W MORNSUN-WFB2412CS-2W Datasheet
180Kb / 2P
   2W OUTPUT SINGLE OUTPUT MINIATURE SIP PACKAGE
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com