Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TQS5200 Fiches technique (PDF) - TriQuint Semiconductor

TQS5200 Datasheet PDF - TriQuint Semiconductor
No de pièce TQS5200
Télécharger  TQS5200 Télécharger

Taille du fichier   432.59 Kbytes
Page   8 Pages
Fabricant  TRIQUINT [TriQuint Semiconductor]
Site Internet  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description SPDT Switch for Single- band and Dual-band, 802.11a/b/g Systems

TQS5200 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
TQS5200 Datasheet PDF - TriQuint Semiconductor

No de pièce TQS5200
Télécharger  TQS5200 Click to download

Taille du fichier   432.59 Kbytes
Page   8 Pages
Fabricant  TRIQUINT [TriQuint Semiconductor]
Site Internet  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description SPDT Switch for Single- band and Dual-band, 802.11a/b/g Systems

TQS5200 Fiches technique (HTML) - TriQuint Semiconductor

TQS5200 Datasheet HTML 1Page - TriQuint Semiconductor TQS5200 Datasheet HTML 2Page - TriQuint Semiconductor TQS5200 Datasheet HTML 3Page - TriQuint Semiconductor TQS5200 Datasheet HTML 4Page - TriQuint Semiconductor TQS5200 Datasheet HTML 5Page - TriQuint Semiconductor TQS5200 Datasheet HTML 6Page - TriQuint Semiconductor TQS5200 Datasheet HTML 7Page - TriQuint Semiconductor TQS5200 Datasheet HTML 8Page - TriQuint Semiconductor

TQS5200 Détails du produit

General Description
The TQS5200 is a high power, single-pole double-throw switch configured for TX-RX or Antenna Diversity switching applications for the WLAN market. The device exhibits industry-leading insertion loss, isolation and power handling.

Product Features
• Integrated SPDT Switch for Single-band and Dual-band 802.11a/b/g WLAN Systems
• Broadband: 1 – 6 GHz
• Low Insertion Loss: 0.6 dB at 2.5 GHz
• High Isolation: +28 dB at 2.5 GHz
• CMOS Compatible Dual Voltage Control
• GaAs PHEMT Technology
• Lead Free, RoHS Compliant SMT Package

Applications
• 802.11a WLAN
• 802.11b WLAN
• 802.11g WLAN
• WiMAX
• TX-RX Switching
• Antenna Diversity Switching




Numéro de pièce similaire - TQS5200

FabricantNo de pièceFiches techniqueDescription
logo
TriQuint Semiconductor
TQS5200 TRIQUINT-TQS5200 Datasheet
415Kb / 7P
   802.11a/b/g Single/Dual-band SPDT Switch
TQS5200-PCB TRIQUINT-TQS5200-PCB Datasheet
415Kb / 7P
   802.11a/b/g Single/Dual-band SPDT Switch
TQS5200 TRIQUINT-TQS5200_15 Datasheet
415Kb / 7P
   802.11a/b/g Single/Dual-band SPDT Switch
More results


Description similaire - TQS5200

FabricantNo de pièceFiches techniqueDescription
logo
TriQuint Semiconductor
TQS5200 TRIQUINT-TQS5200_15 Datasheet
415Kb / 7P
   802.11a/b/g Single/Dual-band SPDT Switch
logo
Maxim Integrated Produc...
MAX2828 MAXIM-MAX2828 Datasheet
1,015Kb / 39P
   Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
Rev 0; 10/04
logo
TriQuint Semiconductor
TQL500 TRIQUINT-TQL500 Datasheet
371Kb / 8P
   LNA for 5GHz UNII Band 802.11a Systems
logo
Skyworks Solutions Inc.
SKY85806-11 SKYWORKS-SKY85806-11 Datasheet
1Mb / 17P
   Dual-Band 802.11a-g-n-ac Wireless LAN
logo
SiGe Semiconductor, Inc...
SE2548A SIGE-SE2548A Datasheet
117Kb / 2P
   Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
SE2547A SIGE-SE2547A Datasheet
104Kb / 2P
   Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
logo
List of Unclassifed Man...
GW715153 ETC2-GW715153 Datasheet
752Kb / 26P
   2.4GHz/5.8GHz Dipole Antenna for ISM Band and WLAN IEEE 802.11a/b/g/h
logo
California Eastern Labs
UPG2163T5N CEL-UPG2163T5N_09 Datasheet
186Kb / 10P
   Broadband SPDT Switch for Dual-Band Wireless LAN
logo
silex technology americ...
SX-ULPGN-DB SILEX-SX-ULPGN-DB Datasheet
1Mb / 2P
   Hostless 802.11a/b/g/n Dual Band Wi-Fi Internet-of-Things Platform
logo
Renesas Technology Corp
UPG2430T6Z-E2-A RENESAS-UPG2430T6Z-E2-A Datasheet
2Mb / 14P
   GaAs Integrated Circuit SP3T Switch for Bluetooth짰 and 802.11a/b/g
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com