Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A78L05E3R Fiches technique (PDF) - AiT Semiconductor Inc.

A78L05E3R Datasheet PDF - AiT Semiconductor Inc.
No de pièce A78L05E3R
Télécharger  A78L05E3R Télécharger
Taille du fichier   710.97 Kbytes
Page   9 Pages
Fabricant  AITSEMI [AiT Semiconductor Inc.]
Site Internet  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR

A78L05E3R Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
A78L05E3R Datasheet PDF - AiT Semiconductor Inc.

No de pièce A78L05E3R
Télécharger  A78L05E3R Click to download

Taille du fichier   710.97 Kbytes
Page   9 Pages
Fabricant  AITSEMI [AiT Semiconductor Inc.]
Site Internet  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR

A78L05E3R Fiches technique (HTML) - AiT Semiconductor Inc.


A78L05E3R Détails du produit

DESCRIPTION
The A78L05 is fix 5V monolithic integrated circuit
voltage regulators are suitable for applications that
required supply current up to 100mA.
The A7
8L 05 is available in SOT 23, SOT89 3 and
TO 92 p ackage s

FEATURES
 Maximum Output current: 0.1A
 Output Voltage: 5V
 Thermal Overload Protection
 Short Circuit Current Limiting
 Output Voltage offered in 5% Tolerance
 Available in SOT 23, SOT89 3 and TO 92
p ackage s




Numéro de pièce similaire - A78L05E3R

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
A78 MACOM-A78 Datasheet
109Kb / 1P
5 TO 300 MHz CASCADABLE AMPLIFIER
A78 MACOM-A78 Datasheet
382Kb / 2P
Cascadable Amplifier 5 to 300 MHz
logo
M/A-COM Technology Solu...
A78 MA-COM-A78 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
Texas Instruments
A78 TI1-A78 Datasheet
1Mb / 20P
Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125C, Operational Amplifiers
logo
M/A-COM Technology Solu...
A78 MA-COM-A78 Datasheet
644Kb / 3P
Cascadable Amplifier 5 to 300 MHz
More results


Description similaire - A78L05E3R

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
A7812 AITSEMI-A7812 Datasheet
659Kb / 8P
BIPOLAR LINEAR REGULATOR 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV1.1
A7805 AITSEMI-A7805 Datasheet
623Kb / 6P
BIPOLAR LINEAR REGULATOR 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV2.0
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
100mA 3-Terminal Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78L00 TSC-TS78L00 Datasheet
524Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
TS78L06CS TSC-TS78L06CS Datasheet
283Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
TS78L06CX TSC-TS78L06CX Datasheet
283Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
logo
Exar Corporation
SP78LXX EXAR-SP78LXX Datasheet
506Kb / 11P
100mA 3-Terminal Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78L06ACY TSC-TS78L06ACY Datasheet
283Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
logo
AiT Semiconductor Inc.
A78MXX AITSEMI-A78MXX Datasheet
522Kb / 10P
BIPOLAR LINEAR REGULATOR THREE TERMINAL POSITIVE VOLTAGE REGULATOR
REV2.0
logo
Taiwan Semiconductor Co...
TS78L00 TSC-TS78L00_08 Datasheet
181Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com