Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M62295 Fiches technique (PDF) - Mitsubishi Electric Semiconductor

M62295 Datasheet PDF - Mitsubishi Electric Semiconductor
No de pièce M62295
Télécharger  M62295 Télécharger

Taille du fichier   57.4 Kbytes
Page   7 Pages
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description LCD BACK-LIGHT CONTROL IC

M62295 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
M62295 Datasheet PDF - Mitsubishi Electric Semiconductor

No de pièce M62295
Télécharger  M62295 Click to download

Taille du fichier   57.4 Kbytes
Page   7 Pages
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description LCD BACK-LIGHT CONTROL IC

M62295 Fiches technique (HTML) - Mitsubishi Electric Semiconductor

M62295 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62295 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62295 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62295 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62295 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62295 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62295 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor

M62295 Détails du produit

DESCRIPTION
M62295GP is a semiconductor integrated circuit designed for PC back- light control, which employs 2 output totempole output circuit specifically suitable for inverter drive with piezo device.
Such necessary functions as light control, protection circuit are housed in 16pin SSOP package. This allows for simplified peripheral circuit as well as compact and thin set design.

FEATURES
• Direct drive to n-ch/ p-ch MOSFET
• Fixed output duty: 45%
• Output current (peak) : ± 300mA
• Light control
   • Pulse synchronous control
      Output OFF period is adjusted synchronous with the OSC
      frequency (1kHz-200kHz).
   • Light control available from 10%(MIN.) up to 100% by the
      voltage applied from outside (Adj2 terminal).
• Protection functions
   • 2 kinds of timer-latch time setting available by 3 triggers
      (few seconds, several tens of seconds set by external capacitor)

APPLICATION
• CLD Back-light contorol for Note P.C etc.




Numéro de pièce similaire - M62295

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M62295GP RENESAS-M62295GP Datasheet
169Kb / 11P
   LCD Back-light Control IC
More results


Description similaire - M62295

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M62295GP RENESAS-M62295GP Datasheet
169Kb / 11P
   LCD Back-light Control IC
logo
Fairchild Semiconductor
FAN7310 FAIRCHILD-FAN7310 Datasheet
360Kb / 10P
   LCD Back Light Inverter Drive IC
FAN7310 FAIRCHILD-FAN7310_05 Datasheet
359Kb / 12P
   LCD Back Light Inverter Drive IC
FAN7300 FAIRCHILD-FAN7300 Datasheet
672Kb / 12P
   LCD Back Light Inverter Drive IC
FAN7315 FAIRCHILD-FAN7315 Datasheet
315Kb / 8P
   LCD Back Light Inverter Drive IC
FAN7548 FAIRCHILD-FAN7548 Datasheet
1Mb / 12P
   Dual LCD Back Light Inverter Drive IC
logo
List of Unclassifed Man...
S-00808G ETC1-S-00808G Datasheet
101Kb / 1P
   LCD BACK LIGHT, TAB TYPE
S-00201G ETC1-S-00201G Datasheet
105Kb / 1P
   LCD BACK LIGHT, COG TYPE
logo
Princeton Technology Co...
PT16511 PTC-PT16511 Datasheet
372Kb / 5P
   LCD Control/Driver IC
logo
List of Unclassifed Man...
K-03203GX ETC1-K-03203GX Datasheet
145Kb / 1P
   LCD BACK LIGHT, COB TYPE, LCD CHARACTER 16X1(L)
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com