Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M62210FP Fiches technique (PDF) - Mitsubishi Electric Semiconductor

M62210FP Datasheet PDF - Mitsubishi Electric Semiconductor
No de pièce M62210FP
Télécharger  M62210FP Télécharger

Taille du fichier   73.59 Kbytes
Page   9 Pages
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER

M62210FP Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
M62210FP Datasheet PDF - Mitsubishi Electric Semiconductor

No de pièce M62210FP
Télécharger  M62210FP Click to download

Taille du fichier   73.59 Kbytes
Page   9 Pages
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER

M62210FP Fiches technique (HTML) - Mitsubishi Electric Semiconductor

M62210FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62210FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62210FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62210FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62210FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62210FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62210FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62210FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62210FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor

M62210FP Détails du produit

DESCRIPTION
M62210FP is designed as a general purpose multi-function DC-DC converter. This is most suitable as a back-light control for a LCD,etc.
This small 10 pin package contains many functions allowing simpler peripheral circuits and compact set design.
The input of this unit has two channels containing priority control circuit. This makes the control a simple matter when the back-light is on and during the stable state.

FEATURE
● Wide operation power supply voltage range…………2.5~18V
● Low power consumption ………………………………1.3mA typ
● Operation can be synchronized by the external sync signal
● Operation can be controlled using two prioritized systems.
   (High input has priority)
● High speed switching is possible.(300kHz)
● Output short protection circuit and ON/OFF control are used.
   The dead-time control and the soft-start operation are
   possible
● Small size 10-pin SOP package.

APPLICATIONS
   Back-light control of personal computers and word processors
   General electric products




Numéro de pièce similaire - M62210FP

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M62210FP RENESAS-M62210FP Datasheet
2Mb / 10P
   GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
More results


Description similaire - M62210FP

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M62210FP RENESAS-M62210FP Datasheet
2Mb / 10P
   GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
logo
Mitsubishi Electric Sem...
M62211P MITSUBISHI-M62211P Datasheet
75Kb / 9P
   GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
logo
Renesas Technology Corp
M62211P RENESAS-M62211P Datasheet
148Kb / 12P
   General Purpose Multi Function DC/DC Converter
logo
Mitsubishi Electric Sem...
M62212P MITSUBISHI-M62212P Datasheet
52Kb / 8P
   GENERAL PURPOSE DC-DC CONVERTER
logo
Renesas Technology Corp
M62212P RENESAS-M62212P Datasheet
109Kb / 9P
   General Purpose DC/DC Converter
M62215FP RENESAS-M62215FP Datasheet
148Kb / 11P
   General Purpose Multifunction DC/DC Converter
logo
AiT Semiconductor Inc.
A7531 AITSEMI-A7531 Datasheet
823Kb / 14P
   DC-DC CONVERTER/BOOST(STEP-UP) HIGH EFFICIENCY, MULTI-FUNCTION
REV2.2
logo
Lowpower Semiconductor ...
LP6284 POWER-LP6284 Datasheet
534Kb / 9P
   Multi-Channel DC-DC Converter
logo
National Semiconductor ...
LM2623 NSC-LM2623_05 Datasheet
595Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623 TI-LM2623_15 Datasheet
1Mb / 22P
[Old version datasheet]   General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com