Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC74LVX374 Fiches technique (PDF) - ON Semiconductor

MC74LVX374 Datasheet PDF - ON Semiconductor
No de pièce MC74LVX374
Télécharger  MC74LVX374 Télécharger

Taille du fichier   101.13 Kbytes
Page   8 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal D-Type Flip-Flop with 3-State Outputs With 5V?뭈olerant Inputs

MC74LVX374 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MC74LVX374 Datasheet PDF - ON Semiconductor

No de pièce MC74LVX374
Télécharger  MC74LVX374 Click to download

Taille du fichier   101.13 Kbytes
Page   8 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal D-Type Flip-Flop with 3-State Outputs With 5V?뭈olerant Inputs

MC74LVX374 Fiches technique (HTML) - ON Semiconductor

MC74LVX374 Datasheet HTML 1Page - ON Semiconductor MC74LVX374 Datasheet HTML 2Page - ON Semiconductor MC74LVX374 Datasheet HTML 3Page - ON Semiconductor MC74LVX374 Datasheet HTML 4Page - ON Semiconductor MC74LVX374 Datasheet HTML 5Page - ON Semiconductor MC74LVX374 Datasheet HTML 6Page - ON Semiconductor MC74LVX374 Datasheet HTML 7Page - ON Semiconductor MC74LVX374 Datasheet HTML 8Page - ON Semiconductor

MC74LVX374 Détails du produit

Octal D-Type Flip-Flop with 3-State Outputs
With 5V−Tolerant Inputs
   
The MC74LVX374 is an advanced high speed CMOS octal D−type flip−flop with 3−state outputs. The inputs tolerate voltages up to 7.0 V, allowing the interface of 5.0 V systems to 3.0 V systems.
This 8−bit D−type flip−flop is controlled by a clock input and an output enable input. When the output enable input is high, the eight outputs are in a high impedance state.
   
Features
• High Speed: fmax = 160 MHz (Typ) at VCC = 3.3 V
• Low Power Dissipation: ICC = 4 μA (Max) at TA = 25°C
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Low Noise: VOLP = 0.8 V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300 mA
• ESD Performance:
        Human Body Model > 2000 V;
        Machine Model > 200 V
• Pb−Free Packages are Available*
   




Numéro de pièce similaire - MC74LVX374

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC74LVX374 MOTOROLA-MC74LVX374 Datasheet
167Kb / 7P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374 Datasheet
118Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Motorola, Inc
MC74LVX374DT MOTOROLA-MC74LVX374DT Datasheet
167Kb / 7P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX374DTR2G ONSEMI-MC74LVX374DTR2G Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
MC74LVX374DTR2G ONSEMI-MC74LVX374DTR2G Datasheet
118Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
More results


Description similaire - MC74LVX374

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74LVX373 ONSEMI-MC74LVX373 Datasheet
101Kb / 8P
   Octal D-Type Latch with 3-State Outputs With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
More results




À propos de ON Semiconductor


ON Semiconductor est une entreprise cotée en bourse qui conçoit, développe et fabrique une large gamme de produits semi-conducteurs pour une variété d'applications, notamment les marchés automobiles, informatiques, biens de consommation, industriels et communications.
La société a été fondée en 1999 et a son siège à Phoenix, en Arizona.
On Semiconductor offre un large portefeuille de gestion de l'énergie, des semi-conducteurs analogiques et discrets, notamment des MOSFET de puissance, des diodes, des redresseurs, des régulateurs de tension, entre autres.
Les produits de l'entreprise sont conçus pour être économes en énergie, fiables et rentables et sont utilisés dans une variété d'applications, notamment l'électronique portable, les systèmes d'automatisation industrielle, les systèmes d'énergie renouvelable et l'électronique automobile.
On Semiconductor s'engage dans l'innovation et la satisfaction des clients, et s'engage à fournir les meilleures solutions de semi-conducteurs pour répondre aux besoins de nos clients.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com