Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVX245 Fiches technique (PDF) - ON Semiconductor

74LVX245 Datasheet PDF - ON Semiconductor
No de pièce 74LVX245
Télécharger  74LVX245 Télécharger

Taille du fichier   100.05 Kbytes
Page   8 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal Bus Transceiver With 5 V?뭈olerant Inputs

74LVX245 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
74LVX245 Datasheet PDF - ON Semiconductor

No de pièce 74LVX245
Télécharger  74LVX245 Click to download

Taille du fichier   100.05 Kbytes
Page   8 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal Bus Transceiver With 5 V?뭈olerant Inputs

74LVX245 Fiches technique (HTML) - ON Semiconductor

74LVX245 Datasheet HTML 1Page - ON Semiconductor 74LVX245 Datasheet HTML 2Page - ON Semiconductor 74LVX245 Datasheet HTML 3Page - ON Semiconductor 74LVX245 Datasheet HTML 4Page - ON Semiconductor 74LVX245 Datasheet HTML 5Page - ON Semiconductor 74LVX245 Datasheet HTML 6Page - ON Semiconductor 74LVX245 Datasheet HTML 7Page - ON Semiconductor 74LVX245 Datasheet HTML 8Page - ON Semiconductor

74LVX245 Détails du produit

Octal Bus Transceiver With 5 V−Tolerant Inputs

The MC74LVX245 is an advanced high speed CMOS octal bus transceiver.
It is intended for two−way asynchronous communication between data buses. The direction of data transmission is determined by the level of the T/R input. The output enable pin (OE) can be used to disable the device, so that the buses are effectively isolated.
All inputs are equipped with protection circuits against static discharge.

Features
• High Speed: tPD = 4.7 ns (Typ) at VCC = 3.3 V
• Low Power Dissipation: ICC = 4 μA (Max) at TA = 25°C
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Low Noise: VOLP = 0.8 V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300 mA
• ESD Performance: Human Body Model > 2000 V;
                                  Machine Model > 200 V
• Pb−Free Packages are Available*

Application Notes
• Do not force a signal on an I/O pin when it is an active output, damage may occur
• All floating (high impedance) input or I/O pins must be fixed by means of pullup or pulldown resistors or bus terminator ICs
• A parasitic diode is formed between the bus and VCC terminals. Therefore, the LVX245 cannot be used to interface 5.0 V to 3.0 V systems directly




Numéro de pièce similaire - 74LVX245

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVX245 FAIRCHILD-74LVX245 Datasheet
87Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
logo
National Semiconductor ...
74LVX245 NSC-74LVX245 Datasheet
130Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
logo
STMicroelectronics
74LVX245 STMICROELECTRONICS-74LVX245 Datasheet
304Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (3-STATE) WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LVX245 ONSEMI-74LVX245 Datasheet
192Kb / 8P
   Low Voltage Octal Bidirectional Transceiver
Revised April 2005
logo
Fairchild Semiconductor
74LVX245M FAIRCHILD-74LVX245M Datasheet
87Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
More results


Description similaire - 74LVX245

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74LVX244 ONSEMI-MC74LVX244 Datasheet
94Kb / 8P
   Octal Bus Buffer With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
MC74LVX240 ONSEMI-MC74LVX240 Datasheet
95Kb / 8P
   Octal Bus Buffer Inverting With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
MC74LVX04 ONSEMI-MC74LVX04_05 Datasheet
82Kb / 5P
   Hex Inverter With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 5
MC74LCX245 ONSEMI-MC74LCX245_05 Datasheet
91Kb / 8P
   Low-Voltage CMOS Octal Transceiver With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
January, 2005 ??Rev. 6
logo
Toshiba Semiconductor
TC7MZ245FK TOSHIBA-TC7MZ245FK_07 Datasheet
190Kb / 8P
   Low Voltage Octal Bus Transceiver with 5 V Tolerant Inputs and Outputs
TC74LCX245F TOSHIBA-TC74LCX245F_10 Datasheet
235Kb / 12P
   Low-Voltage Octal Bus Transceiver with 5-V Tolerant Inputs and Outputs
TC74LCX245F TOSHIBA-TC74LCX245F_07 Datasheet
248Kb / 10P
   Low-Voltage Octal Bus Transceiver with 5-V Tolerant Inputs and Outputs
logo
ON Semiconductor
MC74LVX14 ONSEMI-MC74LVX14_05 Datasheet
86Kb / 6P
   Hex Schmitt Inverter With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 4
MC74LVX573 ONSEMI-MC74LVX573 Datasheet
102Kb / 8P
   Octal D-Type Latch with 3-State Outputs With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
logo
Toshiba Semiconductor
TC74LCX652FS TOSHIBA-TC74LCX652FS Datasheet
139Kb / 11P
   Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
More results




À propos de ON Semiconductor


ON Semiconductor est une entreprise cotée en bourse qui conçoit, développe et fabrique une large gamme de produits semi-conducteurs pour une variété d'applications, notamment les marchés automobiles, informatiques, biens de consommation, industriels et communications.
La société a été fondée en 1999 et a son siège à Phoenix, en Arizona.
On Semiconductor offre un large portefeuille de gestion de l'énergie, des semi-conducteurs analogiques et discrets, notamment des MOSFET de puissance, des diodes, des redresseurs, des régulateurs de tension, entre autres.
Les produits de l'entreprise sont conçus pour être économes en énergie, fiables et rentables et sont utilisés dans une variété d'applications, notamment l'électronique portable, les systèmes d'automatisation industrielle, les systèmes d'énergie renouvelable et l'électronique automobile.
On Semiconductor s'engage dans l'innovation et la satisfaction des clients, et s'engage à fournir les meilleures solutions de semi-conducteurs pour répondre aux besoins de nos clients.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com