Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X1227V8IZ-2.7A Fiches technique (PDF) - Intersil Corporation

X1227V8IZ-2.7A Datasheet PDF - Intersil Corporation
No de pièce X1227V8IZ-2.7A
Télécharger  X1227V8IZ-2.7A Télécharger

Taille du fichier   422.39 Kbytes
Page   28 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM

X1227V8IZ-2.7A Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
X1227V8IZ-2.7A Datasheet PDF - Intersil Corporation

No de pièce X1227V8IZ-2.7A
Télécharger  X1227V8IZ-2.7A Click to download

Taille du fichier   422.39 Kbytes
Page   28 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM

X1227V8IZ-2.7A Fiches technique (HTML) - Intersil Corporation

Back Button X1227V8IZ-2.7A Datasheet HTML 1Page - Intersil Corporation X1227V8IZ-2.7A Datasheet HTML 2Page - Intersil Corporation X1227V8IZ-2.7A Datasheet HTML 3Page - Intersil Corporation X1227V8IZ-2.7A Datasheet HTML 4Page - Intersil Corporation X1227V8IZ-2.7A Datasheet HTML 5Page - Intersil Corporation X1227V8IZ-2.7A Datasheet HTML 6Page - Intersil Corporation X1227V8IZ-2.7A Datasheet HTML 7Page - Intersil Corporation X1227V8IZ-2.7A Datasheet HTML 8Page - Intersil Corporation X1227V8IZ-2.7A Datasheet HTML 9Page - Intersil Corporation X1227V8IZ-2.7A Datasheet HTML 10Page - Intersil Corporation Next Button 

X1227V8IZ-2.7A Détails du produit

DESCRIPTION

The X1227 device is a Real Time Clock with clock/calendar, two polled alarms with integrated 512x8 EEPROM, oscillator compensation, CPU Supervisor (POR/LVS and WDT) and battery backup switch.



FEATURES

• Real Time Clock/Calendar

  — Tracks Time in Hours, Minutes, and Seconds

  — Day of the Week, Day, Month, and Year

• 2 Polled Alarms (Non-volatile)

  — Settable on the Second, Minute, Hour, Day of the Week, Day, or Month

  — Repeat Mode (periodic interrupts)

• Oscillator Compensation on Chip

  — Internal Feedback Resistor and Compensation Capacitors

  — 64 Position Digitally Controlled Trim Capacitor

  — 6 Digital Frequency Adjustment Settings to ±30ppm

• CPU Supervisor Functions

  — Power-On Reset, Low Voltage Sense

  — Watchdog Timer (SW Selectable: 0.25s, 0.75s, 1.75s, off)

• Battery Switch or Super Cap Input

• 512 x 8 Bits of EEPROM

  — 64-Byte Page Write Mode

  — 8 Modes of Block Lock™ Protection 

  — Single Byte Write Capability

• High Reliability

  — Data Retention: 100 Years

  — Endurance: 100,000 Cycles Per Byte

• 2-Wire™ Interface Interoperable with I2C*

  — 400kHz Data Transfer Rate

• Low Power CMOS

  — 1.25µA Operating Current (Typical)

• Small Package Options

  — 8 Ld SOIC and 8 Ld TSSOP

• Repetitive Alarms

• Temperature Compensation

• Pb-Free Plus Anneal Available (RoHS Compliant)



APPLICATIONS

• Utility Meters

• HVAC Equipment

• Audio/Video Components

• Set Top Box/Television

• Modems

• Network Routers, Hubs, Switches, Bridges

• Cellular Infrastructure Equipment

• Fixed Broadband Wireless Equipment

• Pagers/PDA

• POS Equipment

• Test Meters/Fixtures

• Office Automation (Copiers, Fax)

• Home Appliances

• Computer Products

• Other Industrial/Medical/Automotive



 




Numéro de pièce similaire - X1227V8IZ-2.7A

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
X1227V8IZ-2.7A INTERSIL-X1227V8IZ-2.7A Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227V8IZ-2.7A RENESAS-X1227V8IZ-2.7A Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
More results


Description similaire - X1227V8IZ-2.7A

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
X1227 INTERSIL-X1227_06 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1286 RENESAS-X1286 Datasheet
1Mb / 25P
   2-Wire??RTC, 256k (32k x 8) Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1228 RENESAS-X1228 Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results




À propos de Intersil Corporation


Intersil Corporation était une société américaine de semi-conducteurs spécialisée dans la conception et la fabrication de circuits intégrés analogiques et de signaux mixtes à haute performance.
L'entreprise a été fondée en 1967 et était connue pour son expertise en matière de gestion de l'alimentation, de conversion des données et de technologies de radiofréquence (RF).
Les produits d'Intersil ont été utilisés dans un large éventail d'applications telles que l'électronique grand public, l'industrie, les télécommunications et l'aérospatiale et la défense.
En 2016, Intersil a été acquis par Renesas Electronics Corporation, une société de semi-conducteurs japonaise.
La marque et la technologie Intersil continuent d'être développées et vendues dans le cadre du portefeuille de produits de Renesas.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com