Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33202 Fiches technique (PDF) - ON Semiconductor

MC33202 Datasheet PDF - ON Semiconductor
No de pièce MC33202
Télécharger  MC33202 Télécharger

Taille du fichier   204.35 Kbytes
Page   16 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Rail-to-Rail Operational Amplifiers

MC33202 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MC33202 Datasheet PDF - ON Semiconductor

No de pièce MC33202
Télécharger  MC33202 Click to download

Taille du fichier   204.35 Kbytes
Page   16 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Rail-to-Rail Operational Amplifiers

MC33202 Fiches technique (HTML) - ON Semiconductor

Back Button MC33202 Datasheet HTML 1Page - ON Semiconductor MC33202 Datasheet HTML 2Page - ON Semiconductor MC33202 Datasheet HTML 3Page - ON Semiconductor MC33202 Datasheet HTML 4Page - ON Semiconductor MC33202 Datasheet HTML 5Page - ON Semiconductor MC33202 Datasheet HTML 6Page - ON Semiconductor MC33202 Datasheet HTML 7Page - ON Semiconductor MC33202 Datasheet HTML 8Page - ON Semiconductor MC33202 Datasheet HTML 9Page - ON Semiconductor MC33202 Datasheet HTML 10Page - ON Semiconductor Next Button 

MC33202 Détails du produit

Low Voltage, Rail-to-Rail Operational Amplifiers

The MC33201/2/4 family of operational amplifiers provide rail−to−rail operation on both the input and output. The inputs can be driven as high as 200 mV beyond the supply rails without phase
reversal on the outputs, and the output can swing within 50 mV of each rail. This rail−to−rail operation enables the user to make full use of the supply voltage range available. It is designed to work at very low supply voltages (±0.9 V) yet can operate with a supply of up to +12 V and ground. Output current boosting techniques provide a high output current capability while keeping the drain current of the amplifier to a minimum. Also, the combination of low noise and distortion with a high slew rate and drive capability make this an ideal amplifier for audio applications.

• Low Voltage, Single Supply Operation
   (+1.8 V and Ground to +12 V and Ground)
• Input Voltage Range Includes both Supply Rails
• Output Voltage Swings within 50 mV of both Rails
• No Phase Reversal on the Output for Over−driven Input Signals
• High Output Current (ISC= 80 mA, Typ)
• Low Supply Current (ID= 0.9 mA, Typ)
• 600 Ω Output Drive Capability
• Extended Operating Temperature Ranges
   (−40°to +105°C and −55°to +125°C)
• Typical Gain Bandwidth Product = 2.2 MHz
• Pb−Free Packages are Available




Numéro de pièce similaire - MC33202

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC33202 ONSEMI-MC33202 Datasheet
264Kb / 19P
   Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
October, 2006 ??Rev. 14
MC33202D ONSEMI-MC33202D Datasheet
264Kb / 19P
   Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
October, 2006 ??Rev. 14
MC33202DG ONSEMI-MC33202DG Datasheet
264Kb / 19P
   Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
October, 2006 ??Rev. 14
MC33202DG ONSEMI-MC33202DG Datasheet
215Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
April, 2014 ??Rev. 17
MC33202DG ONSEMI-MC33202DG Datasheet
258Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
July, 2018 ??Rev. 18
More results


Description similaire - MC33202

FabricantNo de pièceFiches techniqueDescription
logo
Global Mixed-mode Techn...
G1582 GMT-G1582 Datasheet
604Kb / 1P
   Rail-to-Rail Operational Amplifiers
G1564 GMT-G1564 Datasheet
416Kb / 1P
   Quadruple Rail-to-Rail Operational Amplifiers
logo
Texas Instruments
OPA347 TI-OPA347_07 Datasheet
958Kb / 25P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
   Output Rail-to-Rail Operational Amplifiers
logo
Texas Instruments
OPA27CJ TI-OPA27CJ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA37EZ TI-OPA37EZ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
logo
Global Mixed-mode Techn...
G1563 GMT-G1563 Datasheet
651Kb / 1P
   Dual Rail-to-Rail Operational Amplifiers
G1584 GMT-G1584 Datasheet
711Kb / 1P
   Quadruple Rail-to-Rail Operational Amplifiers
logo
Texas Instruments
OPA37AZ TI1-OPA37AZ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347 TI-OPA347 Datasheet
470Kb / 21P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
More results




À propos de ON Semiconductor


ON Semiconductor est une entreprise cotée en bourse qui conçoit, développe et fabrique une large gamme de produits semi-conducteurs pour une variété d'applications, notamment les marchés automobiles, informatiques, biens de consommation, industriels et communications.
La société a été fondée en 1999 et a son siège à Phoenix, en Arizona.
On Semiconductor offre un large portefeuille de gestion de l'énergie, des semi-conducteurs analogiques et discrets, notamment des MOSFET de puissance, des diodes, des redresseurs, des régulateurs de tension, entre autres.
Les produits de l'entreprise sont conçus pour être économes en énergie, fiables et rentables et sont utilisés dans une variété d'applications, notamment l'électronique portable, les systèmes d'automatisation industrielle, les systèmes d'énergie renouvelable et l'électronique automobile.
On Semiconductor s'engage dans l'innovation et la satisfaction des clients, et s'engage à fournir les meilleures solutions de semi-conducteurs pour répondre aux besoins de nos clients.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com