Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NX7529BB-AA Fiches technique (PDF) - California Eastern Labs

NX7529BB-AA Datasheet PDF - California Eastern Labs
No de pièce NX7529BB-AA
Télécharger  NX7529BB-AA Télécharger

Taille du fichier   184.67 Kbytes
Page   4 Pages
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (20 mW MIN)

NX7529BB-AA Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
NX7529BB-AA Datasheet PDF - California Eastern Labs

No de pièce NX7529BB-AA
Télécharger  NX7529BB-AA Click to download

Taille du fichier   184.67 Kbytes
Page   4 Pages
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (20 mW MIN)

NX7529BB-AA Fiches technique (HTML) - California Eastern Labs

NX7529BB-AA Datasheet HTML 1Page - California Eastern Labs NX7529BB-AA Datasheet HTML 2Page - California Eastern Labs NX7529BB-AA Datasheet HTML 3Page - California Eastern Labs NX7529BB-AA Datasheet HTML 4Page - California Eastern Labs



Numéro de pièce similaire - NX7529BB-AA

FabricantNo de pièceFiches techniqueDescription
logo
California Eastern Labs
NX7529BB-AA CEL-NX7529BB-AA Datasheet
190Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
logo
Renesas Technology Corp
NX7529BB-AA RENESAS-NX7529BB-AA Datasheet
213Kb / 10P
   LASER DIODE
2001
logo
California Eastern Labs
NX7529BB-AA-AZ CEL-NX7529BB-AA-AZ Datasheet
190Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
More results


Description similaire - NX7529BB-AA

FabricantNo de pièceFiches techniqueDescription
logo
California Eastern Labs
NX7526BF-AA CEL-NX7526BF-AA Datasheet
184Kb / 3P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (95 mW MIN)
NX7528BF-AA CEL-NX7528BF-AA Datasheet
185Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (60 mW MIN)
NX7527BF-AA CEL-NX7527BF-AA Datasheet
184Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (120 mW MIN)
NX7561JB-BC CEL-NX7561JB-BC Datasheet
180Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION (135 mW MIN)
NX7327BF-AA CEL-NX7327BF-AA Datasheet
184Kb / 4P
   NECs 1310 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (110 mW MIN)
NX7328BF-AA CEL-NX7328BF-AA Datasheet
185Kb / 4P
   NECs 1310 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (70mW MIN)
NX7661JB-BC CEL-NX7661JB-BC Datasheet
179Kb / 4P
   NECs 1625 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION (120 mW MIN)
NX7527 CEL-NX7527 Datasheet
189Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE
NX7361JB-BC CEL-NX7361JB-BC Datasheet
180Kb / 4P
   NECs 1310 nm InGaAsP MQW FP PULSD LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION (150 mW MIN)
NX7561 CEL-NX7561 Datasheet
185Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
More results




À propos de California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com