Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10E337 Fiches technique (PDF) - ON Semiconductor

MC10E337 Datasheet PDF - ON Semiconductor
No de pièce MC10E337
Télécharger  MC10E337 Télécharger

Taille du fichier   116.81 Kbytes
Page   5 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER

MC10E337 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MC10E337 Datasheet PDF - ON Semiconductor

No de pièce MC10E337
Télécharger  MC10E337 Click to download

Taille du fichier   116.81 Kbytes
Page   5 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER

MC10E337 Fiches technique (HTML) - ON Semiconductor

MC10E337 Datasheet HTML 1Page - ON Semiconductor MC10E337 Datasheet HTML 2Page - ON Semiconductor MC10E337 Datasheet HTML 3Page - ON Semiconductor MC10E337 Datasheet HTML 4Page - ON Semiconductor MC10E337 Datasheet HTML 5Page - ON Semiconductor

MC10E337 Détails du produit

The MC10E/100E337 is a 3-bit registered bus transceiver with scan. The bus outputs (BUS0–BUS2) are specified for driving a 25 Ω bus; the receive outputs (Q0 – Q2) are specified for 50 Ω. The bus outputs feature a normal HIGH level (VOH) and a cutoff LOW level — when LOW, the outputs go to – 2.0 V and the output emitter-follower is “off”, presenting a high impedance to the bus. The bus outputs also feature edge slow-down capacitors.

The 100 Series contains temperature compensation.
• Scannable Version of E336
• 25 Ω Cutoff Bus Outputs
• 50 Ω Receiver Outputs
• Scannable Registers
• Sync. and Async. Bus Enables
• Non-inverting Data Path
• 1500 ps Max. Clock to Bus (Data Transmit)
• 1000 ps Max. Clock to Q (Data Receive)
• Bus Outputs Feature Internal Edge Slow-Down Capacitors
• Additional Package Ground Pins
• PECL Mode Operating Range: VCC= 4.2 V to 5.7 V with VEE= 0 V
• NECL Mode Operating Range: VCC= 0 V with VEE= –4.2 V to –5.7 V
• Internal Input Pulldown Resistors
• ESD Protection: > 1 KV HBM, > 75 V MM
• Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
• Moisture Sensitivity Level 1 For Additional Information, see Application Note AND8003/D
• Flammability Rating: UL–94 code V–0 @ 1/8”, Oxygen Index 28 to 34
• Transistor Count = 471 devices




Numéro de pièce similaire - MC10E337

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10E336 ONSEMI-MC10E336 Datasheet
113Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
1996 REV 2
More results


Description similaire - MC10E337

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
SY10E337 MICREL-SY10E337_06 Datasheet
67Kb / 5P
   3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
SY10E336 MICREL-SY10E336 Datasheet
64Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
logo
ON Semiconductor
MC10E336 ONSEMI-MC10E336 Datasheet
113Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
1996 REV 2
logo
Micrel Semiconductor
SY10E336 MICREL-SY10E336_06 Datasheet
66Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
logo
ON Semiconductor
MC10E212 ONSEMI-MC10E212 Datasheet
111Kb / 4P
   3-BIT SCANNABLE REGISTERED ADDRESS DRIVER
1996 REV 2
MC10E212 ONSEMI-MC10E212_06 Datasheet
183Kb / 7P
   5V ECL 3-Bit Scannable Registered Address Driver
June, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY10E337 MICREL-SY10E337 Datasheet
64Kb / 4P
   3-BIT SCANNABLE
logo
Texas Instruments
SN74ALVCH162525 TI-SN74ALVCH162525 Datasheet
167Kb / 11P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162525 TI1-SN74ALVCH162525_09 Datasheet
353Kb / 16P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABTH32543-EP TI1-SN74ABTH32543-EP Datasheet
174Kb / 10P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results




À propos de ON Semiconductor


ON Semiconductor est une entreprise cotée en bourse qui conçoit, développe et fabrique une large gamme de produits semi-conducteurs pour une variété d'applications, notamment les marchés automobiles, informatiques, biens de consommation, industriels et communications.
La société a été fondée en 1999 et a son siège à Phoenix, en Arizona.
On Semiconductor offre un large portefeuille de gestion de l'énergie, des semi-conducteurs analogiques et discrets, notamment des MOSFET de puissance, des diodes, des redresseurs, des régulateurs de tension, entre autres.
Les produits de l'entreprise sont conçus pour être économes en énergie, fiables et rentables et sont utilisés dans une variété d'applications, notamment l'électronique portable, les systèmes d'automatisation industrielle, les systèmes d'énergie renouvelable et l'électronique automobile.
On Semiconductor s'engage dans l'innovation et la satisfaction des clients, et s'engage à fournir les meilleures solutions de semi-conducteurs pour répondre aux besoins de nos clients.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com