Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MVSMCGLCE80TR Fiches technique (PDF) - Microsemi Corporation

MVSMCGLCE80TR Datasheet PDF - Microsemi Corporation
No de pièce MVSMCGLCE80TR
Télécharger  MVSMCGLCE80TR Télécharger

Taille du fichier   241.7 Kbytes
Page   4 Pages
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

MVSMCGLCE80TR Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MVSMCGLCE80TR Datasheet PDF - Microsemi Corporation

No de pièce MVSMCGLCE80TR
Télécharger  MVSMCGLCE80TR Click to download

Taille du fichier   241.7 Kbytes
Page   4 Pages
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

MVSMCGLCE80TR Fiches technique (HTML) - Microsemi Corporation

MVSMCGLCE80TR Datasheet HTML 1Page - Microsemi Corporation MVSMCGLCE80TR Datasheet HTML 2Page - Microsemi Corporation MVSMCGLCE80TR Datasheet HTML 3Page - Microsemi Corporation MVSMCGLCE80TR Datasheet HTML 4Page - Microsemi Corporation

MVSMCGLCE80TR Détails du produit

DESCRIPTION

This surface mount TransientVoltage Suppressor (TVS) product family includes a rectifier diode element in series and opposite direction to achieve low capacitance below 100 pF. They are also available as RoHS Compliant with an e3 suffix. The low TVS capacitance may be used for protecting higher frequency applications in inductive switching environments or electrical systems involving secondary lightning effects per IEC61000-4-5 as well as RTCA/DO-160D or ARINC 429 for airborne avionics.



FEATURES

• Available in standoff voltage range of 6.5 to 200 V

• Low capacitance of 100 pF or less

• Molding compound flammability rating: UL94V-O

• Two different terminations available in C-bend (modified J Bend with DO-214AB) or Gull-wing (DO-215AB)

• Options for screening in accordance with MIL-PRF-19500 for JAN, JANTX, JANTXV, and JANS are available by adding MQ, MX, MV, or MSP prefixes respectively to part numbers

• Optional 100% screening for avionics grade is available by adding MA prefix to part number for 100% temperature cycle –55ºC to 125ºC (10X) as well as surge (3X) and 24 hours HTRB with post test VBR& IR

• RoHS Compliant devices available by adding an “e3” suffix




Numéro de pièce similaire - MVSMCGLCE80TR

FabricantNo de pièceFiches techniqueDescription
logo
MTRONPTI
MVS MTRONPTI-MVS Datasheet
263Kb / 1P
   9x14 mm, 5.0 Volt, HCMOS/TTL, VCXO
MVS MTRONPTI-MVS Datasheet
430Kb / 2P
   9x14 mm, 5.0 Volt, HCMOS/TTL, VCXO
logo
MERITEK ELECTRONICS COR...
MVS MERITEK-MVS Datasheet
334Kb / 11P
   Metal Oxide Varistors Surface Mount
logo
Altech corporation
MVS-1510 ALTECH-MVS-1510 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MVS-1511 ALTECH-MVS-1511 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
More results


Description similaire - MVSMCGLCE80TR

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
MSMCGLCE6.5A MICROSEMI-MSMCGLCE6.5A Datasheet
1Mb / 7P
   1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
Rev. C
LC6.5 MICROSEMI-LC6.5_08 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
MLCE6.5 MICROSEMI-MLCE6.5 Datasheet
380Kb / 5P
   1500 Watt Low Capacitance Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
LC6.5 NJSEMI-LC6.5 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
LC6.5 MICROSEMI-LC6.5 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMCJ170CA MICROSEMI-SMCJ170CA Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
SMCJ10ATR MICROSEMI-SMCJ10ATR Datasheet
205Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
   1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SLCD6.5A SUNMATE-SLCD6.5A Datasheet
607Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMBJ-LC5.0A SUNMATE-SMBJ-LC5.0A Datasheet
748Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results




À propos de Microsemi Corporation


Microsemi Corporation était une entreprise américaine spécialisée dans la conception et la fabrication de solutions de semi-conducteurs et de systèmes.
La société a été fondée en 1960 et a eu son siège à Aliso Viejo, en Californie.
Microsemi a fourni une large gamme de produits, notamment des circuits intégrés analogiques et de signaux mixtes, des réseaux de portes programmables sur le terrain (FPGA), des produits de gestion et de contrôle de l'alimentation et d'autres solutions de semi-conducteurs.
Les produits de l'entreprise ont été utilisés dans diverses applications telles que la défense et la sécurité, l'aérospatiale et l'aviation, l'industrie et les communications.
Microsemi était connu pour son expertise dans la technologie des semi-conducteurs et sa capacité à fournir des produits de haute qualité et fiables à ses clients.
En 2018, Microsemi a été acquis par Microchip Technology, un principal fournisseur de produits de microcontrôleur, de signal mixte, analogique et de sécurité.
La marque Microsemi n'est plus utilisée, mais sa technologie et ses produits continuent de faire partie du portefeuille de Microchip.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com