Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GMOV-14D151K Fiches technique (PDF) - Bourns Electronic Solutions

GMOV-14D151K Datasheet PDF - Bourns Electronic Solutions
No de pièce GMOV-14D151K
Télécharger  GMOV-14D151K Télécharger

Taille du fichier   746.53 Kbytes
Page   5 Pages
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 14 & 20 mm Hybrid Protection Component

GMOV-14D151K Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
GMOV-14D151K Datasheet PDF - Bourns Electronic Solutions

No de pièce GMOV-14D151K
Télécharger  GMOV-14D151K Click to download

Taille du fichier   746.53 Kbytes
Page   5 Pages
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 14 & 20 mm Hybrid Protection Component

GMOV-14D151K Fiches technique (HTML) - Bourns Electronic Solutions

GMOV-14D151K Datasheet HTML 1Page - Bourns Electronic Solutions GMOV-14D151K Datasheet HTML 2Page - Bourns Electronic Solutions GMOV-14D151K Datasheet HTML 3Page - Bourns Electronic Solutions GMOV-14D151K Datasheet HTML 4Page - Bourns Electronic Solutions GMOV-14D151K Datasheet HTML 5Page - Bourns Electronic Solutions



Numéro de pièce similaire - GMOV-14D151K

FabricantNo de pièceFiches techniqueDescription
logo
Red Lion Controls. Inc
GMOUT400 REDLION-GMOUT400 Datasheet
1Mb / 4P
   Graphic Operator Interface Panels with Modular I/O
More results


Description similaire - GMOV-14D151K

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
ISOM3-175 BOURNS-ISOM3-175 Datasheet
939Kb / 6P
   IsoMOV??Series - Hybrid Protection Component
ISOMOV BOURNS-ISOMOV Datasheet
1Mb / 6P
   IsoMOV™ Series - Hybrid Protection Component
REV. D 06/22/22
logo
Protek Devices
PHYTVSXXXV4 PROTEC-PHYTVSXXXV4 Datasheet
648Kb / 6P
   HYBRID TVS COMPONENT
logo
CAMBION Electronic Comp...
702-3726 CAMBION-702-3726 Datasheet
28Kb / 1P
   Component Mounting Board, 14 pin
702-3725 CAMBION-702-3725 Datasheet
27Kb / 1P
   Component Mounting Board, 14 pin
logo
Alpha & Omega Semicondu...
AOZ18101DI-03 AOSMD-AOZ18101DI-03 Datasheet
1Mb / 13P
   14 V 20 mΩ Over-Voltage Protection Efuse
Rev. 1.0 December 2021
logo
CAMBION Electronic Comp...
702-3735 CAMBION-702-3735 Datasheet
28Kb / 1P
   Component Mounting Board, 20 pin
logo
EPCOS
B72500D90A60 EPCOS-B72500D90A60 Datasheet
510Kb / 22P
   Bidirectional ESD protection in one component
logo
Protek Devices
P0402V05 PROTEC-P0402V05_15 Datasheet
463Kb / 8P
   ULTRA LOW CAPACITANCE ESD PROTECTION COMPONENT
P0603V24 PROTEC-P0603V24 Datasheet
450Kb / 8P
   ULTRA LOW CAPACITANCE ESD PROTECTION COMPONENT
More results




À propos de Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com